Electronic Components Datasheet Search
  English  ▼

X  

2201493 Datasheet(PDF) 30 Page - PHOENIX CONTACT

Part # 2201493
Description  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201493 Datasheet(HTML) 30 Page - PHOENIX CONTACT

Back Button 2201493 Datasheet HTML 22Page - PHOENIX CONTACT 2201493 Datasheet HTML 23Page - PHOENIX CONTACT 2201493 Datasheet HTML 24Page - PHOENIX CONTACT 2201493 Datasheet HTML 25Page - PHOENIX CONTACT 2201493 Datasheet HTML 26Page - PHOENIX CONTACT 2201493 Datasheet HTML 27Page - PHOENIX CONTACT 2201493 Datasheet HTML 28Page - PHOENIX CONTACT 2201493 Datasheet HTML 29Page - PHOENIX CONTACT 2201493 Datasheet HTML 30Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
ME PLC 40...
105504_en_01
30
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
9
Mounting on a DIN rail
9.1
Mounting on NS 105/20
Figure 47
Dimensional drawing with NS 105/20
9.1.1
Order key for DIN rail NS 105/20
Order, for example, a 40-mm long DIN rail with "1 / 2201508
/ 40".
9.1.2
Dimensions of the DIN rail NS 105/20
Figure 48
Dimensions NS 105/20
9.2
Mounting on NS 35/15
Figure 49
Dimensional drawing with NS 35/15
As an alternative, the housing can be snapped onto two NS
35/15 DIN rails.
No bus connectors can be mounted in this fastening mode.
Quantity
Order no.
Length [mm]
1
2201508
40
min. 40 mm
max. 2000 mm
105
105
93
105
35
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com