Electronic Components Datasheet Search
  English  ▼

X  

RF3133PCBA Datasheet(PDF) 16 Page - RF Monolithics, Inc

Part # RF3133PCBA
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3133PCBA Datasheet(HTML) 16 Page - RF Monolithics, Inc

Back Button RF3133PCBA Datasheet HTML 8Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 9Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 10Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 11Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 12Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 13Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 14Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 15Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 16Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
2-474
RF3133
Rev A4 030527
Pin 1
0.00
1.50 (mm) Typ.
3.00 (mm) Typ.
4.50 (mm) Typ.
6.00 (mm) Typ.
6.09 (mm)
2.91 (mm)
7.50 (mm) Typ.
9.00 (mm) Typ.
9.05 (mm) Typ.
0.05 (mm) Typ.
A
A
A
A
A
A
AA
A
A
A
A
A
A
BB
BB
C
C
C
D
D
D
D
E
E
D = 0.64 x 0.88 (mm) Typ.
E = 2.42 x 2.00 (mm) Typ.
A = 0.64 (mm) Sq. Typ.
B = 0.72 x 0.64 (mm) Typ.
C = 0.64 x 0.80 (mm) Typ.
Figure 3. Stencil Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com