Electronic Components Datasheet Search
  English  ▼

X  

RF3133PCBA Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # RF3133PCBA
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3133PCBA Datasheet(HTML) 6 Page - RF Monolithics, Inc

Back Button RF3133PCBA Datasheet HTML 2Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 3Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 4Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 5Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 6Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 7Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 8Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 9Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 10Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2-464
RF3133
Rev A4 030527
Pin
Function
Description
Interface Schematic
1
DCS/PCS IN RF input to the DCS band. This is a 50Ω input.
2
BAND
SELECT
Allows external control to select the GSM or DCS band with a logic high
or low. A logic low enables the GSM band whereas a logic high enables
the DCS band.
3
TX ENABLE This signal enables the PA module for operation with a logic high. Once
TX Enable is asserted the RF output level will increase to -2dBm.
4VBATT
Power supply for the module. This should be connected to the battery.
5VREG
Regulated voltage input for power control function. (2.8V nom)
6
VRAMP
Ramping signal from DAC. A simple RC filter may need to be con-
nected between the DAC output and the VRAMP input depending on
the baseband selected.
7
GSM IN
RF input to the GSM band. This is a 50
Ω input.
8VCC2
Controlled voltage input to driver stage for GSM bands. This voltage is
part of the power control function for the module. This node must be
connected to VCC out.
9GSM OUT
RF output for the GSM band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
10
VCC OUT
Controlled voltage output to feed VCC2. This voltage is part of the
power control function for the module. It can not be connected to any-
thing other than VCC2, nor can any component be placed on this node
(i.e., decoupling capacitor).
11
DCS/PCS
OUT
RF output for the DCS band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
12
VCC2
Controlled voltage input to DCS driver stage. This voltage is part of the
power control function for the module. This node must be connected to
VCC out.
Pkg
Base
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com