Electronic Components Datasheet Search
  English  ▼

X  

RF3133PCBA Datasheet(PDF) 15 Page - RF Monolithics, Inc

Part # RF3133PCBA
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3133PCBA Datasheet(HTML) 15 Page - RF Monolithics, Inc

Back Button RF3133PCBA Datasheet HTML 8Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 9Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 10Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 11Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 12Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 13Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 14Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 15Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 16Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2-473
RF3133
Rev A4 030527
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bottom of
the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern shown
has been designed to address thermal, power dissipation and electrical requirements of the device as well as accommo-
dating routing strategies.
The Via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size
on a 0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested
that the quantity of vias be increased by a 4:1 ratio to achieve similar results.
Stencil Design Recommendation
The stencil aperture are typically designed to match the pad size shown in the PCB Solder Mask pattern and are
reduced for an overall 20 percent reduction in pad area for each pad. This has yielded good solder joint results based on
volumes assembled during product introduction phase.
Critical parameters to consider for successful solder paste application include:
Accurate registration of the stencil to the PCB during printing.
Good release of stencil from the PCB after paste applied. This is improved with laser cut trapezoidal openings.
Proper storage and handling of solder paste based on solder paste vendor guidelines.
Frequent cleaning of the solder paste stencil to remove residual solder paste.
Stencil material recommendations: 5mil (0.127mm) thick stainless steel, laser cut stencils with trapezoidal openings to
promote easy release of solder paste.
Vias
0.203 mm to 0.330 mm
Finished Hole
0.5 mm to 1.2 mm Grid
Figure 2. Thermal Pad and Via Design (RFMD Qualification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com