Electronic Components Datasheet Search
  English  ▼

X  

RF3133PCBA Datasheet(PDF) 14 Page - RF Monolithics, Inc

Part # RF3133PCBA
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3133PCBA Datasheet(HTML) 14 Page - RF Monolithics, Inc

Back Button RF3133PCBA Datasheet HTML 8Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 9Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 10Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 11Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 12Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 13Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 14Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 15Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 16Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2-472
RF3133
Rev A4 030527
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is Electroless Nickel, immersion Gold. Typical thickness is
3
µinch to 8µinch Gold over 180µinch Nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land and Solder Mask Pattern
Metal Land Pattern
0.00
0.80 (mm)
3.70 (mm)
1.50 (mm)
3.00 (mm)
4.50 (mm) Typ.
6.00 (mm)
7.50 (mm)
9.00 (mm) Typ.
5.30 (mm)
8.20 (mm)
8.30 (mm)
0.70 (mm)
A = 0.80 (mm) Sq. Typ.
B = 1.00 x 0.80 (mm) Typ.
Pin 1
AB
A
A
A
A
A
AA
A
B
B
Solder Mask Pattern
0.00
1.50 (mm) Typ.
3.00 (mm) Typ.
4.50 (mm) Typ.
6.00 (mm) Typ.
7.50 (mm) Typ.
9.00 (mm) Typ.
4.50 (mm)
Pin 1
0.05 (mm) Typ.
9.05 (mm) Typ.
B
C
D
E
E
E
E
D
D
A
B
BB
C
C
C
C
A
A
A
A
A
AA
A
F
A = 1.00 (mm) Sq. Typ.
B = 0.90 x 0.80 (mm) Typ.
C = 0.80 (mm) Sq. Typ.
D = 1.00 x 1.20 (mm) Typ.
E = 0.80 x 1.10 (mm) Typ.
F = 7.00 x 2.50 (mm) Typ.
Figure 1. PCB Metal Land and Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com