Electronic Components Datasheet Search
  English  ▼

X  

RF3133PCBA Datasheet(PDF) 8 Page - RF Monolithics, Inc

Part # RF3133PCBA
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3133PCBA Datasheet(HTML) 8 Page - RF Monolithics, Inc

Back Button RF3133PCBA Datasheet HTML 4Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 5Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 6Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 7Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 8Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 9Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 10Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 11Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 12Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2-466
RF3133
Rev A4 030527
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
10
11
12
1
3
2
6
5
4
9
8
7
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
DCS/PCS IN
BAND SELECT
TX ENABLE
VBATT
VREG
VRAMP
GSM IN
DCS/PCS OUT
GSM OUT
15 k
Ω**
** Used to filter noise and spurious from baseband.
2.2 nF
10
11
12
1
3
2
6
5
4
9
8
7
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
BAND SELECT
TX ENABLE
VBATT
VREG
VRAMP
3.3
µF*
1 nF*
*Not required in most applications.
GND
P1
1
CON1
DCS/PCS IN
GSM IN
DCS/PCS OUT
GSM OUT
** Used to filter noise and spurious from baseband.
15 k
Ω**
VCC
P2
1
CON1
P2-1
2.2 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com