Electronic Components Datasheet Search
  English  ▼

X  

RF3133PCBA Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3133PCBA
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3133PCBA Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3133PCBA Datasheet HTML 1Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 2Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 3Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 4Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 5Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 6Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 7Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 8Page - RF Monolithics, Inc RF3133PCBA Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2-460
RF3133
Rev A4 030527
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +6.0
VDC
Power Control Voltage (VRAMP)
-0.3 to +1.8
V
Input RF Power
+11.5
dBm
Max Duty Cycle
50.0
%
Output Load VSWR
10:1
Operating Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Control VRAMP
Power Control “ON”
1.5
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.25
V
Min. POUT, Voltage supplied to the input
Power Control Range
35
dB
VRAMP=0.2V to VRAMP MAX
VRAMP Input Capacitance
15
20
pF
DC to 2MHz
VRAMP Input Current
10
µAV
RAMP =VRAMP MAX
Turn On/Off Time
2
µSV
RAMP = 0 V to VRAMP MAX
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
3.0
5.5
V
Nominal operating limits
3.0
4.3
V
50% duty cycle, Pulse width=2308
µs
VRAMP
0.2
1.33
V
50% duty cycle, 824MHz to 915MHz
0.2
1.28
50% duty cycle, 1710MHz to 1910MHz
Power Supply Current
1
10
µAP
IN < -30 dBm, TX Enable = Low,
Temp=-20°C to +85°C
VREG Voltage
2.7
2.8
2.9
V
VREG Current
7
8
mA
TX Enable=High
10
µA
TX Enable=Low
Overall Control Signals
Band Select “Low”
0
0
0.5
V
Band Select “High”
1.3
2.0
3.0
V
Band Select “High” Current
20
50
µA
TX Enable “Low”
0
0
0.5
V
TX Enable “High”
1.3
2.0
3.0
V
TX Enable “High” Current
1
2
µA
Note: VRAMP Max=3/8*VBATT+0.18<1.5V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com