Electronic Components Datasheet Search
  English  ▼

X  

SIA519 Datasheet(PDF) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # SIA519
Description  N- and P-Channel 20-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

SIA519 Datasheet(HTML) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

  SIA519 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
0
10
20
30
40
50
0369
12
15
18
IGSS at 25 °C
VGS - Gate-to-Source Voltage (V)
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =5 V thru 3 V
VGS =2 V
VGS =1.5 V
VGS =2.5 V
VDS - Drain-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
3
6
9
12
15
VGS =2.5 V
VGS =4.5 V
ID -Drain Current (A)
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
VGS - Gate-to-Source Voltage (V)
0
3
6
9
12
15
18
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
TJ = 150 °C
TJ = 25 °C
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0
100
200
300
400
500
024
6
8
10
12
14
16
18
20
Ciss
Coss
Crss
VDS - Drain-to-Source Voltage (V)
SIA519
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Feb,2018 V1.0
4
N- and P-Channel 20-V (D-S) MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com