Electronic Components Datasheet Search
  English  ▼

X  

SIA519 Datasheet(PDF) 10 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # SIA519
Description  N- and P-Channel 20-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

SIA519 Datasheet(HTML) 10 Page - Shenzhen Tuofeng Semiconductor Technology Co

Back Button SIA519 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 10Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 11Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 12Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 µs
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
1s,10s
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
Current Derating*
0
2
4
6
8
10
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating
0
2
4
6
8
25
50
75
100
125
150
TC - Case Temperature (°C)
SIA519
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Feb,2018 V1.0
10
N- and P-Channel 20-V (D-S) MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com