Electronic Components Datasheet Search
  English  ▼

X  

SIA519 Datasheet(PDF) 11 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # SIA519
Description  N- and P-Channel 20-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

SIA519 Datasheet(HTML) 11 Page - Shenzhen Tuofeng Semiconductor Technology Co

Back Button SIA519 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 10Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 11Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 12Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
1
0.1
0.01
10-3
10-2
1
10
1000
10-1
10-4
100
Square Wave Pulse Duration (s)
Single Pulse
0.02
0.05
0.1
0.2
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 110 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
10-1
10-4
1
0.01
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
Single Pulse
0.02
0.05
SIA519
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Feb,2018 V1.0
11
N- and P-Channel 20-V (D-S) MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com