Electronic Components Datasheet Search
  English  ▼

X  

SIA519 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # SIA519
Description  N- and P-Channel 20-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

SIA519 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  SIA519 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
20
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 20
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
N-Ch
23
mV/°C
ID = - 250 µA
P-Ch
- 11
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
N-Ch
- 3.3
ID = - 250 µA
P-Ch
2.6
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.4
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.5
- 1.3
Gate-Body Leakage
IGSS
µA
VDS = 0 V, VGS = ± 12 V
N-Ch
± 0.1
P-Ch
± 0.1
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
0.1
VDS = - 20 V, VGS = 0 V
P-Ch
- 0.1
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 4.5 V
N-Ch
10
A
VDS - 5 V, VGS = - 4.5 V
P-Ch
- 10
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 4.2 A
N-Ch
0.032
0.040
VGS = - 4.5 V, ID = - 2.9 A
P-Ch
0.074
0.090
VGS = 2.5 V, ID = 3.3 A
N-Ch
0.053
0.065
VGS = - 2.5 V, ID = - 2.3 A
P-Ch
0.113
0.137
Forward Transconductanceb
gfs
VDS = 10 V, ID = 4.2 A
N-Ch
12
S
VDS = - 10 V, ID = - 2.9 A
P-Ch
7
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 10 V, VGS = 0 V, f = 1 MHz
N-Ch
350
pF
P-Ch
340
Output Capacitance
Coss
N-Ch
82
P-Ch
105
Reverse Transfer Capacitance
Crss
N-Ch
50
P-Ch
95
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 5.5 A
N-Ch
7.7
12
nC
VDS = - 10 V, VGS = - 10 V, ID = - 3.7 A
P-Ch
10.5
16
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 5.5 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 3.7 A
N-Ch
3.7
6
P-Ch
5.3
8
Gate-Source Charge
Qgs
N-Ch
0.85
P-Ch
0.75
Gate-Drain Charge
Qgd
N-Ch
0.95
P-Ch
2
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.7
3.5
7
P-Ch
0.2
10
20
SIA519
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Feb,2018 V1.0
2
N- and P-Channel 20-V (D-S) MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com