Electronic Components Datasheet Search
  English  ▼

X  

SIA519 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # SIA519
Description  N- and P-Channel 20-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

SIA519 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  SIA519 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co SIA519 Datasheet HTML 9Page - Shenzhen Tuofeng Semiconductor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N- and P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A) Qg (Typ.)
N-Channel
20
0.040 at VGS = 4.5 V
4.2
3.7 nC
0.065 at VGS = 2.5 V
3.3
P-Channel
- 20
0.090 at VGS = - 4.5 V
- 2.9
5.3 nC
0.137 at VGS = - 2.5 V
- 2.3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.2
- 2.9
A
Pulsed Drain Current
IDM
15
- 15
Source Drain Current Diode Current
TC = 25 °C
IS
4.5
- 4.5
Maximum Power Dissipation
TC = 25 °C
PD
7.8
7.8
W
TA = 25 °C
1.9
1.9
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
 5 s
RthJA
52
65
52
65
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
12.5
16
12.5
16
SIA519
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
Feb,2018 V1.0
1
N- and P-Channel 20-V (D-S) MOSFET
N-Channel MOSFET
G1
D1
S1
S2
G2
D2
P-Channel MOSFET
S1
D1
G2
S2
G1
D2
1
6
5
4
2
3
2.05 mm
2.05 mm
D1
D2
DFN2X2-6L
Equivalent Cir cuit
MARKING
EGTF
YWCP
Y :year code W :week code
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFETs
•
New Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
- Low On-Resistance
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Load Switch for Portable Devices


Similar Part No. - SIA519

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
N- and P-Channel 20-V (D-S) MOSFET
14-Dec-09
SIA519EDJ VISHAY-SIA519EDJ Datasheet
320Kb / 14P
N- and P-Channel 20-V (D-S) MOSFET
02-Sep-13
SIA519EDJ-T1-GE3 VISHAY-SIA519EDJ-T1-GE3 Datasheet
275Kb / 14P
N- and P-Channel 20-V (D-S) MOSFET
14-Dec-09
SIA519EDJ VISHAY-SIA519EDJ_V01 Datasheet
320Kb / 14P
N- and P-Channel 20-V (D-S) MOSFET
02-Sep-13
More results

Similar Description - SIA519

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
N- and P-Channel 20-V (D-S) MOSFET
09-Aug-04
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
N- and P-Channel 20-V (D-S) MOSFET
23-Oct-00
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
N- and P-Channel 20-V (D-S) MOSFET
16-May-05
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
N- and P-Channel 20-V (D-S) MOSFET
20-Mar-06
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
N- and P-Channel 20 V (D-S) MOSFET
02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
N- and P-Channel 20-V (D-S) MOSFET
12-Oct-09
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
N- and P-Channel 20 V (D-S) MOSFET
08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
N- and P-Channel 20-V (D-S) MOSFET
14-Dec-09
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com