Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2171 Datasheet HTML 1Page - Microchip Technology MIC2171 Datasheet HTML 2Page - Microchip Technology MIC2171 Datasheet HTML 3Page - Microchip Technology MIC2171 Datasheet HTML 4Page - Microchip Technology MIC2171 Datasheet HTML 5Page - Microchip Technology MIC2171 Datasheet HTML 6Page - Microchip Technology MIC2171 Datasheet HTML 7Page - Microchip Technology MIC2171 Datasheet HTML 8Page - Microchip Technology MIC2171 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 5
MIC2171
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Minimum Operating Voltage
vs. Temperature.
FIGURE 2-2:
Feedback Bias Current vs.
Temperature.
FIGURE 2-3:
Feedback Voltage Line
Regulation.
FIGURE 2-4:
Supply Current vs.
Operating Voltage.
FIGURE 2-5:
Supply Current vs. Switch
Current.
FIGURE 2-6:
Supply Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-100
-50
05
0
100
150
Temperature (°C)
Switch Current = 2A
0
100
200
300
400
500
600
700
800
-100
-50
05
0
100
150
Temperature (°C)
-5
-4
-3
-2
-1
0
1
2
3
4
5
010
20
30
40
V
IN
Operating (V)
T
J
= -40°C
T
J
=25°C
T
J
= 125°C
5
6
7
8
9
10
11
12
13
14
15
010
20
30
40
V
IN Operating Voltage (V)
I
SW
=0A
D.C. = 90%
D.C. = 50%
D.C. = 0%
0
10
20
30
40
50
0
1
2
3
4
Switch Current (A)
= 90%
= 50%
0
1
2
3
4
5
6
7
8
9
10
-100
-50
05
0
100
150
Temperature(°C)
V
CO MP =0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com