Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 7Page - Microchip Technology MIC2171 Datasheet HTML 8Page - Microchip Technology MIC2171 Datasheet HTML 9Page - Microchip Technology MIC2171 Datasheet HTML 10Page - Microchip Technology MIC2171 Datasheet HTML 11Page - Microchip Technology MIC2171 Datasheet HTML 12Page - Microchip Technology MIC2171 Datasheet HTML 13Page - Microchip Technology MIC2171 Datasheet HTML 14Page - Microchip Technology MIC2171 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 11
MIC2171
EQUATION 5-4:
For the example in the Typical Application Circuits:
IOUT = 0.25A
ICL = 1.67 (2 – 0.662) = 2.24A
VIN(MIN) = 4.18V
δ = 0.662
VOUT = 12.0V
VF = 0.36V (@ 0.26A, 70°C)
Then:
EQUATION 5-5:
This value is greater than the 0.25A output current
requirement, so one can proceed to find the inductance
value of L1 for discontinuous operation at POUT.
EQUATION 5-6:
For our practical example:
EQUATION 5-7:
Equation 5-8 solves for L1’s maximum current value.
EQUATION 5-8:
EQUATION 5-9:
Use a 15 µH inductor with a peak current rating greater
than 2A.
5.6
Flyback Conversion
Flyback converter topology may be used in low power
applications where voltage isolation is required or
whenever the input voltage can be less than or greater
than the output voltage. As with the step-up converter,
the inductor (transformer’s primary winding) current
can be continuous or discontinuous. In this particular
case, discontinuous operation is recommended.
The Typical Application Circuits shows a practical
flyback converter design using the MIC2171.
5.6.1
SWITCH OPERATION
During Q1’s on time (Q1 is the internal NPN transistor,
see the Functional Block Diagram, energy is stored in
T1’s primary inductance. During Q1’s off time, stored
energy is partially discharged into C4 (output filter
capacitor). Careful selection of a low ESR capacitor for
C4 may provide satisfactory output voltage ripple
making additional filter stages unnecessary.
C1’s value (input capacitor) may be reduced or it can
be eliminated if the MIC2171 is located near a low
impedance voltage source
IOUT
ICLIM
2
---------------
 V
IN MIN
VOUT
----------------------------------------------------
VOUT VF VIN MIN
–
+
VOUT VF
+
-----------------------------------------------------------
=
Where:
ICLIM =
Internal switch current limit
ICLIM =
1.25A when δ < 50%
ICLIM =
1.67 (2 – δ) when δ ≥ 50%
IOUT =
Maximum output current
VIN(MIN) = Minimum input voltage = VIN – VSW
δ =
Duty cycle for boost converter in CRM
VOUT =
Required output voltage
VF =
Diode forward voltage drop
IOUT
2.235
2
-------------
 4.178
12
---------------------------------------
IOUT 0.389A
VIN
ICLIM fSW
------------------------------- L1
VIN
2
2 POUT fSW
----------------------------------------
Where:
POUT =
12 x 0.25 = 3W
fSW =
1.105 Hz (100 kHz)
4.178 0.662
2.235 1 105
------------------------------------- L1
4.178
2
0.662
2 3.0 1 105
-----------------------------------------
12.38H L1 19.26H
(Use 15 µH)
IL1 PEAK
VIN tON
L1
-------------------------
=
Where:
tON =
δ / fSW = 6.62 × 10-6 sec.
IL1 PEAK
4.178 6.62 10 6
–
15 10 6
–
------------------------------------------------
1.096A
=
=
IL1 PEAK
1.84A
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com