Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 10Page - Microchip Technology MIC2171 Datasheet HTML 11Page - Microchip Technology MIC2171 Datasheet HTML 12Page - Microchip Technology MIC2171 Datasheet HTML 13Page - Microchip Technology MIC2171 Datasheet HTML 14Page - Microchip Technology MIC2171 Datasheet HTML 15Page - Microchip Technology MIC2171 Datasheet HTML 16Page - Microchip Technology MIC2171 Datasheet HTML 17Page - Microchip Technology MIC2171 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MIC2171
DS20006355A-page 14
2022 Microchip Technology Inc. and its subsidiaries
EQUATION 5-22:
A 1N5817 dioded will safely handle voltage and current
requirements provided in this example.
5.7
Forward Converters
The MIC2171 can be used in several circuit
configurations to generate an output voltage which is
lower than the input voltage (buck or step-down
topology). Figure 5-4 shows the MIC2171 in a voltage
step-down application. Because of the internal
architecture of these devices, more external
components are required to implement a step-down
regulator than with other devices offered by Microchip
(refer to the LM257x or LM457x family of buck
switchers). However, for step-down conversion
requiring a transformer (forward), the MIC2171 is a
good choice.
A 12V to 5V step-down converter using transformer
isolation (forward) is shown in Figure 5-4. Unlike the
isolated flyback converter which stores energy in the
primary inductance during the controller’s on-time and
releases it to the load during the off-time, the forward
converter transfers energy to the output during the on-
time, using the off-time to reset the transformer core. In
the application depicted in Figure 5-4, the transformer
core is reset by the tertiary winding, discharging T1’s
peak magnetizing current through D2.
For most forward converters, the duty cycle is limited to
50%, allowing the transformer flux to reset with only
two times the input voltage appearing across the power
switch. Although during normal operation this circuit’s
duty cycle is well below 50%, the MIC2171 has a
maximum duty cycle capability of 90%. If 90% was
required during operation (start-up and high load
currents), a complete reset of the transformer during
the off-time would require the voltage across the power
switch to be ten times the input voltage. This would limit
the input voltage to 6V or less for forward converter
applications.
To prevent core saturation, the application presented in
this section uses a duty cycle limiter consisting of Q1,
C4 and R3. Whenever the MIC2171 exceeds a duty
cycle of 50%, T1’s reset winding current turns Q1 on;
this action reduces the duty cycle of the MIC2171 until
T1 is able to reset during each cycle.
FIGURE 5-4:
12V to 5V Forward Converter.
VBR
6.0
5.0 1.8
+
0.8 1.8
----------------------------------------
VBR 10.4V
D3
1N5819
MIC2171
IN
SW
FB
COMP
C1
22μF
C3
1μF
R2
1k
VOUT
5V, 1A
R4
3.74k
1%
R5
1.24k
1%
C5
470μF
L1 100μH
VIN
12V
GND
T1
1:1:1
D4
1N5819
D2
1N5819
* Voltage clipper
†
Duty cycle limiter
D1*
C2*
Q1†
C4†
R3†
R1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com