Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 6Page - Microchip Technology MIC2171 Datasheet HTML 7Page - Microchip Technology MIC2171 Datasheet HTML 8Page - Microchip Technology MIC2171 Datasheet HTML 9Page - Microchip Technology MIC2171 Datasheet HTML 10Page - Microchip Technology MIC2171 Datasheet HTML 11Page - Microchip Technology MIC2171 Datasheet HTML 12Page - Microchip Technology MIC2171 Datasheet HTML 13Page - Microchip Technology MIC2171 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC2171
DS20006355A-page 10
2022 Microchip Technology Inc. and its subsidiaries
EQUATION 5-2:
From the Typical performance Characteristics:
RSW = 0.37Ω
Then:
PSW = (2.21)2 × 0.37 × 0.662
PSW = 1.2W
P(TOTAL) = 1.2 + 0.1
P(TOTAL) = 1.3W
The junction temperature for any semiconductor is
calculated using the following:
EQUATION 5-3:
For the practical example:
TA = 70°C
θJA = 45°C/W (for TO-220)
Then:
TJ = 70 + (1.3 x 45)
TJ = 128.5°C
This junction temperature is below the rated maximum
of 150°C.
5.4
Grounding
Refer to Figure 5-3. Heavy lines indicate high-current
ground paths.
FIGURE 5-3:
Single Point Ground.
A single point ground is strongly recommended for
proper operation.
The signal ground, compensation network ground, and
feedback network connections are sensitive to minor
voltage variations. The input and output capacitor
grounds and power ground tracks will exhibit voltage
drop when carrying large currents. Keep the sensitive
circuit ground traces separate from the power ground
traces. Small voltage variations applied to the sensitive
circuits can prevent the MIC2171 or any switching
regulator from functioning properly.
5.5
Boost Conversion
Refer to the Typical Application Circuits for a typical
boost conversion application where a +5V logic supply
is available and a +12V at 0.25A output is required.
The first step in designing a boost converter is
determining whether inductor L1 will cause the
converter to operate in either continuous or
discontinuous conduction mode. Discontinuous
conduction mode is preferred because the feedback
control of the converter is simpler.
When L1 discharges its current completely during the
MIC2171 off-time, it is operating in discontinuous
conduction mode.
L1 is operating in continuous conduction mode if it does
not discharge completely before the MIC2171 power
switch is turned on again.
5.5.1
DISCONTINUOUS CONDUCTION
MODE DESIGN
Given the maximum output current, solve Equation 5-4
to determine whether the device can operate in
discontinuous conduction mode without triggering the
internal device current limit.
PSW
ISW
2
RSW
=
Where:
δ =
Duty cycle
VOUT VF VIN MIN
–
+
VOUT VF
+
-----------------------------------------------------------
=
For boost converter,
Where:
VIN(MIN) =
VIN – VSW
VSW =
ICLIM x RSW
VOUT =
Output voltage
VF =
D1 forward voltage drop at IOUT
TJ TA P TOTAL
JA
+
=
Where:
TJ =
Junction temperature
TA =
Ambient temperature (maximum)
P(TOTAL) =
Total power dissipation
θJA =
Junction to ambient thermal resis-
tance
MIC2171
IN
SW
FB
VC
VIN
GND
Single point ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com