Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 2Page - Microchip Technology MIC2171 Datasheet HTML 3Page - Microchip Technology MIC2171 Datasheet HTML 4Page - Microchip Technology MIC2171 Datasheet HTML 5Page - Microchip Technology MIC2171 Datasheet HTML 6Page - Microchip Technology MIC2171 Datasheet HTML 7Page - Microchip Technology MIC2171 Datasheet HTML 8Page - Microchip Technology MIC2171 Datasheet HTML 9Page - Microchip Technology MIC2171 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MIC2171
DS20006355A-page 6
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Switch ON Voltage vs.
Switch Current.
FIGURE 2-8:
Oscillator Frequency vs.
Temperature.
FIGURE 2-9:
Current Limit vs. Duty Cycle.
FIGURE 2-10:
Error Amplifier Gain vs.
Temperature.
FIGURE 2-11:
Error Amplifier Gain vs.
Frequency.
FIGURE 2-12:
Error Amplifier Phase vs.
Frequency.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
Switch Current (A)
T
J
=25°C
T
J
= 125°C
T
J
= –40°C
60
70
80
90
100
110
120
-50
05
0
100
150
Temperature(°C)
0
2
4
6
8
02
04
06
08
0
100
Duty Cycle (%)
–40°C
25°C
125°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-100
-50
05
0
100
150
Temperature(°C)
0
1000
2000
3000
4000
5000
6000
7000
11
0
100
1000
10000
Frequency (kHz)
210
180
150
120
90
60
30
0
-30
11
0
100
1000
10000
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com