Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 11Page - Microchip Technology MIC2171 Datasheet HTML 12Page - Microchip Technology MIC2171 Datasheet HTML 13Page - Microchip Technology MIC2171 Datasheet HTML 14Page - Microchip Technology MIC2171 Datasheet HTML 15Page - Microchip Technology MIC2171 Datasheet HTML 16Page - Microchip Technology MIC2171 Datasheet HTML 17Page - Microchip Technology MIC2171 Datasheet HTML 18Page - Microchip Technology MIC2171 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 15
MIC2171
5.8
Output Voltage Setting
The MC2171 requires a resistor divider connected from
the output to ground with the middle point connected to
the FB pin to set the desired output voltage. The output
voltage is set by Equation 5-23.
EQUATION 5-23:
A typical value of R1 can be in the range of 3kΩ to
15kΩ. If R1 is too large, it may allow noise to be
introduced into the voltage feedback loop. If R1 is too
small in value, it will decrease the efficiency of the
switching regulator, especially at light loads. Once R1
is selected, R2 can be calculated using Equation 5-24.
EQUATION 5-24:
VOUT VREF
R1
R2
------- 1
+
=
Where:
VREF =
1.24V internal reference voltage
R1 =
Upper feedback resistor
R2 =
Lower feedback resistor
R2
VREF R1
VOUT VREF
–
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com