Electronic Components Datasheet Search
  English  ▼

X  

3273374 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3273374 Datasheet HTML 1Page - PHOENIX CONTACT 3273374 Datasheet HTML 2Page - PHOENIX CONTACT 3273374 Datasheet HTML 3Page - PHOENIX CONTACT 3273374 Datasheet HTML 4Page - PHOENIX CONTACT 3273374 Datasheet HTML 5Page - PHOENIX CONTACT 3273374 Datasheet HTML 6Page - PHOENIX CONTACT 3273374 Datasheet HTML 7Page - PHOENIX CONTACT 3273374 Datasheet HTML 8Page - PHOENIX CONTACT 3273374 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Technical Data
Notes
Notes on operation
the blocks can be bridged with one another via the conductor
shaft, for corresponding plug-in bridges, see accessories
Product properties
Product type
Distributor terminal block
Number of connections
19
Number of rows
1
Potentials
1
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
6 kV
Maximum power dissipation for nominal condition
0.77 W
Connection data
Service Entrance
yes
Number of connections per level
19
Nominal cross section
2.5 mm²
Rated cross section AWG
14
Load contact
Stripping length
8 mm ... 10 mm
Internal cylindrical gage
A3
Connection in acc. with standard
IEC 60998-2-2
Conductor cross section solid
0.14 mm² ... 4 mm²
Cross section AWG
26 ... 12
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section, flexible [AWG]
26 ... 14
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.14 mm² ... 2.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.14 mm² ... 2.5 mm²
Nominal current
24 A
Maximum load current
32 A (with 4 mm² conductor cross section)
Maximum total current
57 A (with 10 mm² conductor cross section)
Nominal voltage
450 V
Line contact
Stripping length
10 mm ... 12 mm
Connection in acc. with standard
IEC 60998-2-2
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 3 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com