Electronic Components Datasheet Search
  English  ▼

X  

3273374 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 3273374 Datasheet HTML 19Page - PHOENIX CONTACT 3273374 Datasheet HTML 20Page - PHOENIX CONTACT 3273374 Datasheet HTML 21Page - PHOENIX CONTACT 3273374 Datasheet HTML 22Page - PHOENIX CONTACT 3273374 Datasheet HTML 23Page - PHOENIX CONTACT 3273374 Datasheet HTML 24Page - PHOENIX CONTACT 3273374 Datasheet HTML 25Page - PHOENIX CONTACT 3273374 Datasheet HTML 26Page - PHOENIX CONTACT 3273374 Datasheet HTML 27Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Test adapter
Test adapter - PAI-4-N GY - 3032871
https://www.phoenixcontact.com/us/products/3032871
4 mm test adapter, for terminal blocks with 5.2 mm, 6.2 mm and 8.2 mm pitch
Insulating sleeve
Insulating sleeve - MPS-IH WH - 0201663
https://www.phoenixcontact.com/us/products/0201663
Insulating sleeve, color: white
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 23 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com