Electronic Components Datasheet Search
  English  ▼

X  

3273374 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3273374 Datasheet HTML 1Page - PHOENIX CONTACT 3273374 Datasheet HTML 2Page - PHOENIX CONTACT 3273374 Datasheet HTML 3Page - PHOENIX CONTACT 3273374 Datasheet HTML 4Page - PHOENIX CONTACT 3273374 Datasheet HTML 5Page - PHOENIX CONTACT 3273374 Datasheet HTML 6Page - PHOENIX CONTACT 3273374 Datasheet HTML 7Page - PHOENIX CONTACT 3273374 Datasheet HTML 8Page - PHOENIX CONTACT 3273374 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Conductor cross section solid
0.5 mm² ... 10 mm²
Cross section AWG
20 ... 8
Conductor cross section flexible
0.5 mm² ... 10 mm²
Conductor cross section, flexible [AWG]
20 ... 10
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.5 mm² ... 6 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.5 mm² ... 6 mm²
Conductor cross-section flexible (2 conductors with the same
cross-section, with TWIN ferrule and plastic sleeve)
0.5 mm² ... 1.5 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 1.5 mm²
Nominal current
41 A (with 6 mm² conductor cross section)
Maximum load current
57 A (with 10 mm² conductor cross section)
Nominal cross section
6 mm²
Load contact Connection cross sections directly pluggable
Conductor cross section solid
0.34 mm² ... 4 mm²
Conductor cross section, solid [AWG]
24 ... 12
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.34 mm² ... 2.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.34 mm² ... 2.5 mm²
Line contact Connection cross sections directly pluggable
Conductor cross section solid
1 mm² ... 10 mm²
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
1 mm² ... 6 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
1 mm² ... 6 mm²
Dimensions
Width
56.5 mm
Height
21.7 mm
Length
28.6 mm
Material specifications
Color
gray
Flammability rating according to UL 94
V0
Insulating material group
I
Insulating material
PA
Static insulating material application in cold
-60 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 4 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com