Electronic Components Datasheet Search
  English  ▼

X  

3273374 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 3273374 Datasheet HTML 8Page - PHOENIX CONTACT 3273374 Datasheet HTML 9Page - PHOENIX CONTACT 3273374 Datasheet HTML 10Page - PHOENIX CONTACT 3273374 Datasheet HTML 11Page - PHOENIX CONTACT 3273374 Datasheet HTML 12Page - PHOENIX CONTACT 3273374 Datasheet HTML 13Page - PHOENIX CONTACT 3273374 Datasheet HTML 14Page - PHOENIX CONTACT 3273374 Datasheet HTML 15Page - PHOENIX CONTACT 3273374 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Accessories
Note: Applying some accessories below might limit this product.
DIN rail adapter
DIN rail adapter - PTFIX-NS35 - 3274054
https://www.phoenixcontact.com/us/products/3274054
DIN rail adapter, length: 58.1 mm, width: 28.6 mm, height: 11 mm, color: gray
DIN rail adapter
DIN rail adapter - PTFIX-NS35A - 3274056
https://www.phoenixcontact.com/us/products/3274056
DIN rail adapter, length: 45.7 mm, width: 10.3 mm, height: 11.9 mm, color: gray
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 12 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com