Electronic Components Datasheet Search
  English  ▼

X  

3273374 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 3273374 Datasheet HTML 4Page - PHOENIX CONTACT 3273374 Datasheet HTML 5Page - PHOENIX CONTACT 3273374 Datasheet HTML 6Page - PHOENIX CONTACT 3273374 Datasheet HTML 7Page - PHOENIX CONTACT 3273374 Datasheet HTML 8Page - PHOENIX CONTACT 3273374 Datasheet HTML 9Page - PHOENIX CONTACT 3273374 Datasheet HTML 10Page - PHOENIX CONTACT 3273374 Datasheet HTML 11Page - PHOENIX CONTACT 3273374 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Approvals
DNV
Approval ID: TAE00002TT
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
500 V
24 A
-
-
CSA
Approval ID: 13631
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
Use group B
Output
300 V
20 A
26 - 12
-
Input
300 V
50 A
20 - 8
-
Use group C
Output
300 V
20 A
26 - 12
-
Input
300 V
50 A
20 - 8
-
Use group D
Input
600 V
5 A
20 - 8
-
IECEE CB Scheme
Approval ID: DE1-63086
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
450 V
41 A
-
- 6
EAC
Approval ID: RU C-DE.BL08.B.00644
cULus Recognized
Approval ID: E60425
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
Use group B
Output
300 V
20 A
26 - 12
-
Input
300 V
50 A
20 - 8
-
Use group C
Output
300 V
20 A
26 - 12
-
Input
300 V
50 A
20 - 8
-
Use group D
Output
600 V
5 A
26 - 12
-
Input
600 V
5 A
20 - 8
-
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 8 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com