Electronic Components Datasheet Search
  English  ▼

X  

3273374 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 3273374 Datasheet HTML 15Page - PHOENIX CONTACT 3273374 Datasheet HTML 16Page - PHOENIX CONTACT 3273374 Datasheet HTML 17Page - PHOENIX CONTACT 3273374 Datasheet HTML 18Page - PHOENIX CONTACT 3273374 Datasheet HTML 19Page - PHOENIX CONTACT 3273374 Datasheet HTML 20Page - PHOENIX CONTACT 3273374 Datasheet HTML 21Page - PHOENIX CONTACT 3273374 Datasheet HTML 22Page - PHOENIX CONTACT 3273374 Datasheet HTML 23Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Marking foil for zack marker strip
Marking foil for zack marker strip - TML (EX2,8)R - 0801836
https://www.phoenixcontact.com/us/products/0801836
Marking foil for zack marker strip, Roll, white, unlabeled, can be labeled with:
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, mounting type:
adhesive, for terminal block width: 30000 mm, lettering field size: 30000 x 2.
8 mm, Number of individual labels: 1
Label
Label - MM-TML (EX3,8)R C1 WH/BK - 1092026
https://www.phoenixcontact.com/us/products/1092026
Label, Roll, white, unlabeled, can be labeled with: THERMOFOX,
THERMOMARK GO, THERMOMARK GO.K, mounting type: adhesive, for
terminal block width: 8000 mm, lettering field size: continuous x 2.8 mm
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 19 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com