Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 3Page - Analog Devices LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices LTM2885 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTM2810
7
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, PVCC = VCC = 5V, VL = VL2 = 3.3V,
GND = GND2 = 0V, ON = VL, and ON2 = VL2, unless otherwise noted.
SDA Low Level Output Voltage vs
Temperature
SDA2 Low Level Output Voltage
vs Temperature
Supply Current vs Data Rate, All
Channels
ST1 and ST2 Current Limit vs
Temperature Histogram
VL2 Transient Response
Thermal Derating
ST1 and ST2 Current Limit vs
Temperature Histogram
TEMPERATURE (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
50
0
100
2810 G07
125
25
–25
75
LTM2810-I
SDA RPU = 1.1k
VL = 3.3V
VL = 5V
TEMPERATURE (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
50
0
100
2810 G08
125
25
–25
75
LTM2810-I
VL2 = 3.3V
VL2 = 5V
IL AT VL = 3.3V
ICC AT VCC = 3.3V or 5V
IL2 AT VL2 = 3.3V
IL AT VL = 5V
IL2 AT VL2 = 5V
FREQUENCY (Hz)
10k
100k
1M
10M
0
2
4
6
8
10
12
14
16
2810 G09
PVCC = 5V
130°C
25°C
–60°C
CURRENT LIMIT (mA)
350 375 400 425 450 475 500 525 550 575 600
0
5
10
15
20
25
30
35
40
2810 G10
PVCC = 3.3V
130°C
25°C
–60°C
CURRENT LIMIT (mA)
500 540 580 620 660 700 740 780 820 860 900
0
5
10
15
20
25
30
2810 G11
VIN = 6V
50µs/DIV
VL2
50mV/DIV
ILOAD
50mA/DIV
2810 G12
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
3.0
2810 G13
LIMITED BY MAXIMUM
INTERNAL OPERATING TEMPERATURE
θJA = 50°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com