Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices LTM2885 Datasheet HTML 11Page - Analog Devices LTM2885 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTM2810
8
Rev. A
For more information www.analog.com
PIN FUNCTIONS
LTM2810-S, Logic Side
DI3 (A1): Digital Input, Referenced to VL and GND. Logic
input connected to O3 through the isolation barrier. The
logic state on DI3 translates to the same logic state on
O3. Connect to GND or VL if not used.
DI2 (A2): Digital Input, Referenced to VL and GND. Logic
input connected to O2N and O2P through the isolation
barrier. The logic state on DI2 translates to the same logic
state on O2N and O2P. Connect to GND or VL if not used.
DI1 (A3): Digital Input, Referenced to VL and GND. Logic
input connected to O1 through the isolation barrier. The
logic state on DI1 translates to the same logic state on
O1. Connect to GND or VL if not used.
ON (A4): Enable, Referenced to VL and GND. Enables data
communication through the isolation barrier. If ON is high
the part is enabled and communications are functional to
the isolated side. If ON is low the logic side is held in reset,
all digital outputs are in a high impedance state. Connect
to VL if not driven.
VL (A5): Logic Supply. Interface supply voltage for pins
DI1, DI2, DI3, DO1, DO2P, DO3, DO1E, and ON. Operating
voltage is 1.62V to 5.5V. Internally bypassed with 1μF.
ST1, ST2 (A6, C6): Bridge Driver Outputs, Referenced
to PVCC and GND. Each output runs at 50% duty cycle,
ST1 is 180 degrees out of phase with ST2. Operating
frequency is 2MHz. Bridge driver is enabled when PVCC
is between 3V to 5.5V and ON is high.
DO3 (B1): Digital Output, Referenced to VL and GND.
Logic output connected to I3 through the isolation bar-
rier. Under the condition of an isolation communication
failure this output is in a high impedance state.
DO2N (B2): Open Drain Pull-Down Output to GND. Logic
output connected to I2 through the isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
DO2P (B3): Open Drain Pull-Up Output to VL. Logic out-
put connected to I2 through the isolation barrier. Under
the condition of an isolation communication failure this
output is in a high impedance state.
DO1 (B4): Digital Output, Referenced to VL and GND.
Logic output connected to I1 through the isolation bar-
rier. Under the condition of an isolation communication
failure this output is in a high impedance state.
PVCC (B5): Bridge Driver Supply Voltage. Operating volt-
age is 3V to 5.5V, connect to GND to disable bridge driver.
Internally bypassed with 2.2μF.
DO1E (C4): Digital Output Enable, Referenced to VL and
GND. A logic high on DO1E places the logic side DO1 pin
in a high impedance state, a logic low enables the output.
Connect to GND or VL if not used.
VCC (C5): Supply Voltage. Operating voltage is 3V to 5.5V.
Internally bypassed with 1μF.
GND (B6, C1 to C3): Circuit Ground.
LTM2810-S, Isolated Side
O1E (V4): Digital Output Enable, Referenced to VL2 and
GND2. A logic high on O1E places the isolated side O1 pin
in a high impedance state, a logic low enables the output.
Connect to GND2 or VL2 if not used.
VIN (V6): Internal LDO Input Voltage. Operating voltage is
3.6V to 38V. Internally bypassed with 0.1μF.
O3 (W1): Digital Output, Referenced to VL2 and GND2.
Logic output connected to DI3 through the isolation bar-
rier. Under the condition of an isolation communication
failure O3 defaults to a high state.
O2N (W2): Open Drain Pull-Down Output to GND2. Logic
output connected to DI2 through the isolation barrier.
Under the condition of an isolation communication failure
O2N defaults to a low state.
O2P (W3): Open Drain Pull-Up Output to VL2. Logic out-
put connected to DI2 through the isolation barrier. Under
the condition of an isolation communication failure O2P
defaults to a low state.
O1 (W4): Digital Output, Referenced to VL2 and GND2.
Logic output connected to DI1 through the isolation bar-
rier. Under the condition of an isolation communication
failure O1 defaults to a low state.
AVL2 (W5): VL2 LDO Adjust Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com