Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 2 Page - Analog Devices

  LTM2885 Datasheet HTML 1Page - Analog Devices LTM2885 Datasheet HTML 2Page - Analog Devices LTM2885 Datasheet HTML 3Page - Analog Devices LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM2810
2
Rev. A
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
PVCC to GND............................................ –0.3V to 6V
VCC to GND .............................................. –0.3V to 6V
VL to GND................................................ –0.3V to 6V
Isolated Supply Voltages
VIN to GND2........................................... –0.3V to 45V
VL2 to GND2 ............................................ –0.3V to 6V
Logic Signals
DI1, DI2, DI3, DO1, DO1E, DO2P,
DO3, ON, SCL, ST1, ST2....... GND – 0.3V to VL + 0.3V
DO2N, SDA .................................. GND – 0.3V to 6.3V
Isolated Signals
AVL2, I1, I2, I3, O1, O1E, O2P, O3, ON2,
SCL2, SDA2......................GND2 – 0.3V to VL2 + 0.3V
O2N ........................................... GND2 – 0.3V to 6.3V
Operating Temperature Range (Note 4)
LTM2810C ............................................... 0°C to 70°C
LTM2810I.............................................–40°C to 85°C
LTM2810H ......................................... –40°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Body Reflow Temperature ............................260°C
(Note 1)
LTM2810-I
LTM2810-S
BGA PACKAGE
36-PIN (22mm × 6.25mm × 2.06mm)
TJMAX = 125°C, JA = 49.6°C/W, JCBOTOM = 34°C/W,
JCTOP = 26°C/W, JB = 33.7°C/W
 VALUES DETERMINED PER JESD51-9, WEIGHT = 0.5g
TOP VIEW
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
I3
SDA2
I1
GND2
ON2
VL2
O3
SCL2 AVL2 GND2
VIN
DI3
SDA SCL
DO3
GND DO1
PVCC
ON
VL ST1
GND
VCC ST2
GND
BGA PACKAGE
36-PIN (22mm × 6.25mm × 2.06mm)
TJMAX = 125°C, JA = 49.6°C/W, JCBOTOM = 34°C/W,
JCTOP = 26°C/W, JB = 33.7°C/W
 VALUES DETERMINED PER JESD51-9, WEIGHT = 0.5g
TOP VIEW
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
I3
I2
GND2
I1
O1E GND2
ON2
VL2
O3
O2N O2P
O1
AVL2 GND2
VIN
DI3
DI2
DO2N
DI1
DO3
DO2P DO1
PVCC
ON
VL ST1
GND
DO1E
VCC ST2
GND
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com