Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices LTM2885 Datasheet HTML 11Page - Analog Devices LTM2885 Datasheet HTML 12Page - Analog Devices LTM2885 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTM2810
9
Rev. A
For more information www.analog.com
PIN FUNCTIONS
I3 (X1): Digital Input, Referenced to VL2 and GND2. Logic
input connected to DO3 through the isolation barrier. The
logic state on I3 translates to the same logic state on DO3.
Connect to GND2 or VL2 if not used.
I2 (X2): Digital Input, Referenced to VL2 and GND2. Logic
input connected to DO2N and DO2P through the isolation
barrier. The logic state on I2 translates to the same logic
state on DO2N and DO2P. Connect to GND2 or VL2 if not
used.
I1 (X3): Digital Input, Referenced to VL2 and GND2. Logic
input connected to DO1 through the isolation barrier. The
logic state on I1 translates to the same logic state on DO1.
Connect to GND2 or VL2 if not used.
ON2 (X4): Enable, Referenced to VL2 and GND2. Enables
data communication through the isolation barrier. If ON2
is high the part is enabled and communications are func-
tional to the logic side. If ON2 is low the isolated side is
held in reset, O1, O2N and O2P are in a low state, and O3
is in a high state. Connect to VL2 if not driven.
VL2 (X5, X6): Logic Supply, Referred to GND2. Interface
supply voltage for pins O1, O2P, O3, I1, I2, I3, O1E, and
ON2. Operating voltage is 3V to 5.5V. Internally bypassed
with 6.6μF.
GND2 (V1 to V3, V5, W6): Isolated Ground.
LTM2810-I, Logic Side
DI3 (A1): Digital Input, Referenced to VL and GND. Logic
input connected to O3 through the isolation barrier. The
logic state on DI3 translates to the same logic state on
O3. Connect to GND or VL if not used.
SDA (A2, B2): Serial I2C Data Pins, Referenced to VL and
GND. Bidirectional logic pins connected to isolated side
SDA2 pins through the isolation barrier. Under the condi-
tion of an isolation communication failure pins are in a
high impedance state. Pull up to VL if not used.
SCL (A3): Serial I2C Clock Input, Referenced to VL and
GND. Logic input connected to isolated side SCL2 pin
through the isolation barrier. Clock is unidirectional from
logic to isolated side. Pull up to VL if not used.
ON (A4): Enable, Referenced to VL and GND. Enables data
communication through the isolation barrier. If ON is high
the part is enabled and communications are functional to
the isolated side. If ON is low the logic side is held in reset,
all digital outputs are in a high impedance state. Connect
to VL if not driven.
VL (A5): Logic Supply. Interface supply voltage for pins
SCL, DI3, DO1, DO3, and ON. Operating voltage is 3V to
5.5V. Internally bypassed with 1μF.
ST1, ST2 (A6, C6): Bridge Driver Outputs, Referenced
to PVCC and GND. Each output runs at 50% duty cycle,
ST1 is 180 degrees out of phase with ST2. Operating
frequency is 2MHz. Bridge driver is enabled when PVCC
is between 3V to 5.5V and ON is high.
DO3 (B1): Digital Output, Referenced to VL and GND.
Logic output connected to I3 through the isolation bar-
rier. Under the condition of an isolation communication
failure this output is in a high impedance state.
DO1 (B4): Digital Output, Referenced to VL and GND.
Logic output connected to I1 through the isolation bar-
rier. Under the condition of an isolation communication
failure this output is in a high impedance state.
PVCC (B5): Bridge Driver Supply Voltage. Operating volt-
age is 3V to 5.5V, connect to GND to disable bridge driver.
Internally bypassed with 2.2μF.
VCC (C5): Supply Voltage. Operating voltage is 3V to 5.5V.
Internally bypassed with 1μF.
GND (B3, B6, C1 to C4): Circuit Ground.
LTM2810-I, Isolated Side
VIN (V6): Internal LDO Input Voltage. Operating voltage is
3.6V to 38V. Bypassed with 0.1μF.
O3 (W1): Digital Output, Referenced to VL2 and GND2.
Logic output connected to DI3 through the isolation bar-
rier. Under the condition of an isolation communication
failure O3 defaults to a high state.
SDA2 (W2, W3, X2): Serial I2C Data Pins, Referenced
to VL2 and GND2. Bidirectional logic pins connected to
logic side SDA pins through the isolation barrier. Output
is biased high by a 1.8mA current source. Do not connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com