Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 1 Page - Analog Devices

  LTM2885 Datasheet HTML 1Page - Analog Devices LTM2885 Datasheet HTML 2Page - Analog Devices LTM2885 Datasheet HTML 3Page - Analog Devices LTM2885 Datasheet HTML 4Page - Analog Devices LTM2885 Datasheet HTML 5Page - Analog Devices LTM2885 Datasheet HTML 6Page - Analog Devices LTM2885 Datasheet HTML 7Page - Analog Devices LTM2885 Datasheet HTML 8Page - Analog Devices LTM2885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTM2810
1
Rev. A
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
7.5kVRMS SPI/Digital or I2C µModule
Isolator with Transformer Driver
The LTM®2810 is a complete galvanic digital µModule®
(micromodule) isolator. No external components are
required. Individual 3V to 5.5V supplies power each side
of the digital isolator. Separate logic supply pins allow
easy interfacing with different logic levels from 1.62V to
5.5V, independent of the main supply.
Module options are available with compatibility to SPI
(LTM2810-S) and I2C (LTM2810-I), master mode only,
specifications.
The module includes an integrated transformer driver on
the logic side and an LDO on the isolated side to regulate
the rectified transformer output. The LDO output is nomi-
nally 5V but may be overdriven.
Coupled inductors provide 7500VRMS of isolation between
the input and output logic interface. This device is ideal for
systems with different ground potentials, allowing unin-
terrupted communication through large common mode
transients faster than 50kV/μs.
Isolated 4MHz SPI Interface
LTM2810-I Operating Through 70kV/µs CM Transients
APPLICATIONS
n
6-Channel Logic Isolator: 7500VRMS for 1 Minute
n
16.2mm Creepage
n
CSA (IEC/UL) Approved, File #255632
n
3V to 5.5V Supply Operation
n
Transformer Driver with Integrated Isolated Side LDO
n
SPI/Digital (LTM2810-S) or I2C (LTM2810-I) Options
n
High Common Mode Transient Immunity: 50kV/μs
n
High Speed Operation:
n
10MHz Digital Isolation
n
4MHz/8MHz SPI Isolation
n
400kHz I2C Isolation
n
Operation Up to 125°C (H-Grade)
n
1.62V to 5.5V Logic Supplies for Flexible Digital
Interfacing
n
±25kV ESD HBM Across the Isolation Barrier
n
Maximum Continuous Working Voltage:1kVRMS, 1.6kVDC
n
Low Current Shutdown Mode (<10µA)
n
22mm × 6.25mm × 2.06mm BGA Package
n
EV/HEV Systems
n
Industrial and Metering Systems
n
Test and Measurement Equipment
n
Medical Equipment
All registered trademarks and trademarks are the property of their respective owners.
Document Feedback
2810 TA01b
SCL 1V/DIV
DO1 1V/DIV
GND2-GND
250V/DIV
SCL2 = I1
DI1
ST2 ST1
VCC
VL
PVCC
VIN
ON
DI2
DI3
DO1
DO1E
O2N
ON2
O1
VL2
O2P
O3
I1
SCK2
MOSI
SS
MISO
5V
SCK
MOSI
SS
MISO
GND
LTM2810-S
GND2
01E
2810 F01a
2.2µF


Similar Part No. - LTM2885

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTM2885 AD-LTM2885 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
LTM2885 AD-LTM2885 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTM2885 AD-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results

Similar Description - LTM2885

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
logo
WOLFSPEED, INC.
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com