Electronic Components Datasheet Search
  English  ▼

X  

LTM2885 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 19Page - Analog Devices LTM2885 Datasheet HTML 20Page - Analog Devices LTM2885 Datasheet HTML 21Page - Analog Devices LTM2885 Datasheet HTML 22Page - Analog Devices LTM2885 Datasheet HTML 23Page - Analog Devices LTM2885 Datasheet HTML 24Page - Analog Devices LTM2885 Datasheet HTML 25Page - Analog Devices LTM2885 Datasheet HTML 26Page - Analog Devices LTM2885 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTM2810
23
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The logic side bidirectional serial data pin, SDA, requires a
pull-up resistor or current source connected to VL. Follow
the requirements in Figure 12 and Figure 13 for the ap-
propriate pull-up resistor on SDA that satisfies the desired
rise time specifications and VOL maximum limits for fast
and standard modes. The resistance curves represent the
maximum resistance boundary; any value may be used to
the left of the appropriate curve.
The isolated side clock pin, SCL2, has a weak push-pull
output driver; do not connect an external pull-up device.
SCL2 is compatible with I2C devices without clock stretch-
ing. On lightly loaded connections, a 100pF capacitor
from SCL2 to GND2 or RC low pass filter (R = 500Ω,
C = 100pF) can be used to decrease the rise and fall times
and minimize noise.
Some consideration must be given to signal coupling
between SCL2 and SDA2. Separate these signals on a
printedcircuitboardorroutewithgroundbetween.Ifthese
signals are wired off board, twist SCL2 with VL2 and/or
GND2 and SDA2 with GND2 and/or VL2; do not twist SCL2
and SDA2 together. If coupling between SCL2 and SDA2
is unavoidable, place the aforementioned RC filter at the
SCL2 pin to reduce noise injection onto SDA2.
CBUS (pF)
10
30
25
15
10
20
5
0
100
2810 F12
1000
VL = 3V
VL = 3.3V
VL = 3.6V
VL = 4.5V TO 5.5V
CBUS (pF)
10
10
9
7
6
8
5
3
2
4
1
0
100
2810 F13
1000
VL = 3V
VL = 3.3V
VL = 3.6V
VL = 4.5V TO 5.5V
Figure 12. Maximum Standard Speed Pull-Up Resistance on SDA
Figure 13. Maximum Fast Speed Pull-Up Resistance on SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com