Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM2889
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 5 Page - Analog Devices

  LTM2889 Datasheet HTML 1Page - Analog Devices LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices LTM2889 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTM2810
5
Rev. A
For more information www.analog.com
SWITCHING CHARACTERISTICS
ISOLATION CHARACTERISTICS
REGULATORY INFORMATION
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPZH, tPZL ONx Enable Time
ON =
to SDA Low, RPU = 1kΩ, SDA2 = 0V
ON2 =
to (SCL2, SDA2) Low, (SCL, SDA) = 0V
l
l
60
60
μs
μs
tPHZ, tPLZ ONx Disable Time
ON =
to SDA High, RPU = 1kΩ, SDA2 = 0V
ON2 =
to SCL2 High, SCL = 0V
ON2 =
to SDA2 High, SDA = 0V
l
l
l
80
80
225
ns
ns
ns
tSP
Pulse Width of Spikes Suppressed by
Input Filter
l
0
50
ns
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
1 Minute, Derived from 1 Second Test
1 Second (Notes 5, 6)
7500
9000
VRMS
VRMS
Common Mode Transient Immunity
PVCC = VCC = VL = ON = 5V, VL2 = ON2 = 5V
VCM = 1kV, ∆t = 20ns (Note 2)
50
75
kV/µs
VIORM
Maximum Continuous Working Voltage
(Notes 2, 5)
1600
1000
VDC
VRMS
Partial Discharge
VPD = 2650VPEAK (Note 5)
5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 2), Material Group I
600
VRMS
Depth of Erosion
IEC 60112 (Note 2)
0.017
mm
DTI
Distance Through Insulation
(Note 2)
0.2
mm
Input to Output Resistance
(Notes 2, 5)
1
5
TΩ
Input to Output Capacitance
(Notes 2, 5)
2
pF
Creepage Distance
(Note 2)
16.2
mm
CSA (Note 8)
CSA 60950-1-07+A1+A2 and IEC 60950-1, second edition, +A1 +A2:
Basic Insulation at 1600VRMS
Reinforced Insulation at 800VRMS
CSA 62368-1-14 and IEC 62368-1-14:2014, second edition:
Basic Insulation at 1600VRMS
Reinforced Insulation at 800VRMS
CSA 60601-1:14 and IEC 60601-1, third edition, +A1:
Two means of patient protection (2 MOPP) at 500VRMS
UL 1577-2015:
Single Protection, 7500VRMS Isolation Voltage
File 255632
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PVCC = VCC = 5V, VL = VL2 = 3.3V, VIN = GND = GND2 = 0V, ON = VL, and
ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.
TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com