Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM2889
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 11Page - Analog Devices LTM2889 Datasheet HTML 12Page - Analog Devices LTM2889 Datasheet HTML 13Page - Analog Devices LTM2889 Datasheet HTML 14Page - Analog Devices LTM2889 Datasheet HTML 15Page - Analog Devices LTM2889 Datasheet HTML 16Page - Analog Devices LTM2889 Datasheet HTML 17Page - Analog Devices LTM2889 Datasheet HTML 18Page - Analog Devices LTM2889 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTM2810
15
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Supplies are Independent
Overview
The LTM2810 digital µModule isolator provides a gal-
vanically-isolated robust logic interface, complete with
decoupling capacitors. The LTM2810 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2810 blocks high voltage differences
and eliminates ground loops, and is extremely tolerant of
common mode transients between ground planes. Error-
freeoperationismaintainedthroughcommonmodeevents
as fast as 50kV/μs providing excellent noise isolation.
Input Supply (VCC)
The LTM2810 is powered by a 3V to 5.5V supply on the
logic side of the isolation interface. The input supply
provides power to the internal isolated communications
interface and is completely independent of either the logic
power supply or bridge driver supply. VCC is bypassed
internally with a 1µF ceramic capacitor.
Bridge Driver Supply (PVCC)
The integrated bridge driver is powered by a 3V to 5.5V
supply on the logic side of the isolation interface. The
bridge driver may be disabled by tying PVCC to GND. PVCC
is bypassed internally with a 2.2µF ceramic capacitor.
LDO Input Supply (VIN)
The isolated side includes an integrated LDO powered by
VIN, with a nominal output voltage of 5V on VL2. Input
operating range is 4V to 38V. VIN is bypassed internally
with a 0.1µF ceramic capacitor. VIN may be grounded or
left unconnected if VL2 is driven by an external supply.
Logic Supplies (VL, VL2)
Separate logic supply pins, VLandVL2,allowtheLTM2810
to interface with any logic signal from 1.62V to 5.5V on
the logic side of the SPI/Digital version, 3V to 5.5V for the
logic and isolated sides of the I2C version and isolated side
of the SPI/Digital version, as shown in Figure 5.
VCC
VL
PVCC
VIN
VL2
GND
LTM2810-S
GROUNDED OR OPEN
3V TO 5.5V INPUT
GND2
VCC
VL
PVCC
VIN
AVL2
R1
OPTIONAL
3.6V TO 38V INPUT
3V TO 5.5V
3V TO 5.5V
3V TO 5.5V
3V TO 5.5V
3V TO 5.5V
1.62V TO 5.5V
R2
OPTIONAL
3V TO 5.5V OUTPUT
VL2 = 0.6V(1 + R2/R1)
VL2
GND
LTM2810-I
GND2
2810 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com