Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM2889
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 22Page - Analog Devices LTM2889 Datasheet HTML 23Page - Analog Devices LTM2889 Datasheet HTML 24Page - Analog Devices LTM2889 Datasheet HTML 25Page - Analog Devices LTM2889 Datasheet HTML 26Page - Analog Devices LTM2889 Datasheet HTML 27Page - Analog Devices LTM2889 Datasheet HTML 28Page - Analog Devices LTM2889 Datasheet HTML 29Page - Analog Devices LTM2889 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTM2810
27
Rev. A
For more information www.analog.com
Figure 18. High Voltage Switch Controller with Current Readback
TYPICAL APPLICATIONS
DI1
DI2
DI3
DO2P
DO1
DO2N
*NOTE: IMON VALID WHEN INP (GATE) IS HIGH FOLLOWED BY 150µs OF BLANKING TIME.
TGUP – TS VOLTAGE IS APPROXIMATELY 7V.
ST2 ST1
VCC
VL
PVCC
VIN
VL2
ON
O3
O1
O2P
O2N
I1
VL2
ON2
BAT54
TR1
5V
CLK
CONV
GATE
FAULT
GND
LTM2810-S
DO1E
GND2
2810 F18
O1E
•
•
•
•
BAT54
2.2µF
I2
100k
SDO
100k
SCK
CONV
LTC2312-14
SDO
AIN
REF
GND
OVDD
VDD
LTC7003
TIMER
TGUP
TGDN
TS
BST
SNS–
SNS+
FAULT
INP
IMON
ISET
VCC
RUN
VIN
VCCUV
OVLO
GND
2.2µF
5V
INPUT SUPPLY
Q1
RS
VL2
TO LOAD
TR1: BH ELECTRONICS LOO-3422
WURTH ELEKTRONIK 750316917
1nF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com