Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 25 Page - Analog Devices

Part # LTM2889
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 21Page - Analog Devices LTM2889 Datasheet HTML 22Page - Analog Devices LTM2889 Datasheet HTML 23Page - Analog Devices LTM2889 Datasheet HTML 24Page - Analog Devices LTM2889 Datasheet HTML 25Page - Analog Devices LTM2889 Datasheet HTML 26Page - Analog Devices LTM2889 Datasheet HTML 27Page - Analog Devices LTM2889 Datasheet HTML 28Page - Analog Devices LTM2889 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTM2810
25
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 14. Isolated SPI with 5V Input and 5V Regulated Output
Figure 15. Isolated I2C with 5V Input and 3.3V Regulated Output
DI1
ST2 ST1
VCC
VL
PVCC
VIN
ON
DI2
DI3
DO1
DO1E
O2N
ON2
O1
VL2
O2P
O3
I1
SCK2
5V AT 100mA
TR1: BH ELECTRONICS LOO-3422
WURTH ELEKTRONIK 750316917
BAT54
BAT54
TR1
SDI2
CS2
SDO2
5V
SCK
SDI
CS
SDO
GND
LTM2810-S
GND2
01E
2810 F14
•
•
•
•
2.2µF
SCL
ST2 ST1
VCC
VL
PVCC
VIN
ON
SDA
ON2
AVL2
SCL2
SDA2
BAT54
BAT54
TR1
SDA2
SCL2
5V
SCL
SDA
GND
LTM2810-I
GND2
2810 F15
•
•
•
•
2.2µF
6.04k
27.4k
3.3V AT 100mA
VL2
TR1: BH ELECTRONICS LOO-3422
WURTH ELEKTRONIK 750316917
5k
5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com