Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM2889
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices LTM2889 Datasheet HTML 9Page - Analog Devices LTM2889 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTM2810
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
PVCC Supply Current vs
Temperature
VCC Supply Current vs
Temperature
VL Supply Current vs Temperature
TA = 25°C, PVCC = VCC = 5V, VL = VL2 = 3.3V,
GND = GND2 = 0V, ON = VL, and ON2 = VL2, unless otherwise noted.
VIN Supply Current vs
Temperature
Logic Input Threshold vs
VL Supply Voltage
Logic Output Voltage vs Load
Current
VLx SUPPLY VOLTAGE (V)
1
3.5
2.5
0.5
1.0
2.0
3.0
1.5
0
4
5
2
2810 G05
6
3
INPUT RISING
INPUT FALLING
|LOAD CURRENT| (mA)
0
6
1
2
3
4
5
0
2
1
3
2810 G06
10
9
8
7
6
5
4
VLx = 5.5V
VLx = 3.3V
VLx = 1.62V
PVCC = 3V
PVCC = 3.3V
PVCC = 3.6V
PVCC = 4.5V
PVCC = 5V
PVCC = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2810 G01
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2810 G02
LTM2810-I
VL = 3.3V
VL = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
100
110
120
130
140
150
160
170
180
190
200
2810 G03
VIN = 4V
VIN = 38V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
2810 G04
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not subject to production test.
Note 3: Guaranteed by other measured parameters and is not tested directly.
Note 4: This µModule isolator includes overtemperature protection that
is intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above specified maximum operating
junction temperature may result in device degradation or failure.
Note 5: Device is considered a 2-terminal device. Pin group A1 through C6
shorted together and pin group V1 through X6 shorted together.
Note 6: The rated dielectric insulation voltage should not be interpreted as
a continuous voltage rating.
Note 7: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at the maximum input-to-output voltage differential.
Limit the input-to-output voltage differential if operating at maximum
output current. Current limit foldback will limit the maximum output
current as a function of input-to-output voltage.
Note 8: Ratings are for pollution degree 2, material group 3 and
overvoltage category II where applicable. Ratings for other environmental
and electrical conditions to be determined from the appropriate safety
standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com