Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM2889
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 22Page - Analog Devices LTM2889 Datasheet HTML 23Page - Analog Devices LTM2889 Datasheet HTML 24Page - Analog Devices LTM2889 Datasheet HTML 25Page - Analog Devices LTM2889 Datasheet HTML 26Page - Analog Devices LTM2889 Datasheet HTML 27Page - Analog Devices LTM2889 Datasheet HTML 28Page - Analog Devices LTM2889 Datasheet HTML 29Page - Analog Devices LTM2889 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTM2810
26
Rev. A
For more information www.analog.com
Figure 16. Isolated SPI with 3.3V Input and 5V Regulated Output
Figure 17. Isolated SPI with 3.3V Input with 3.3V and 5V Regulated Outputs
TYPICAL APPLICATIONS
DI1
DI2
DI3
DO1E
DO1
ST2 ST1
VCC
VL
PVCC
VIN
ON
ON2
O1
O2P
O2N
O3
I1
BAT54
BAT54
BAT54
TR1
SDI2
SCK2
3.3V
SCK
SDI
CS
SDO
GND
LTM2810-S
CS2
SDO2
GND2
2810 F16
O1E
•
•
•
•
BAT54
2.2µF
5V AT 100mA
VL2
TR1: BH ELECTRONICS LOO-3422
WURTH ELEKTRONIK 750316917
DI1
DI2
DI3
DO1E
DO1
ST2 ST1
VCC
VL
PVCC
VIN
ON
ON2
AVL2
O1
O2P
BAT54
TR1
SDI2
SCK2
SDO2
CS2
5V
SCK
SDI
CS
SDO
GND
LTM2810-S
O2N
O3
I1
GND2
2810 F17
O1E
•
•
•
•
BAT54
6.04k
27.4k
3.3V AT 100mA
VL2
2.2µF
IN
OUT
GND
LT1761-5
SHDN
2.2µF
5V AT 100mA
TR1: BH ELECTRONICS LOO-3422
WURTH ELEKTRONIK 750316917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com