Electronic Components Datasheet Search
  English  ▼

X  

PS10 Datasheet(PDF) 8 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 4Page - Supertex, Inc PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc PS10 Datasheet HTML 12Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PS10/PS11
8
A051204
PS11 Power Down Sequence after OVOFF
Test conditions: CRAMP = 10nF, RTB = 3.24k, RTC = 3.24k,
RTD = 3.24k, RPULL-UP= 47k, CPWRGD_B = 0.47
µF, CPWRGD_C
= 0.94
µF, CPWRGD_D = 1.41µF, VOVOFF = 61.6V, the as-
sumed brick turn-off threshold is 2.7V min TTL logic high.
See power down sequencing on Page 11.
PWRGD Output Configuration
The PS10 and PS11 open drain power good outputs can be connected directly to the Enable pins of the DC/DC converter.
The internal pull-up and clamp of the DC/DC converter sets the logic High Enable/Disable voltage.
RTB
9.76K
6.81K
487K
RTD
RTC
TB
OV
UV
V
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
PS10
-48V
GND
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
3. Other power good outputs will have the same
configuration as PWGRGD-A for Active High Enabled
Converters.
10nF
Ramp
COM
+3.3V
V-
V+
DC/DC
Converter
EN
V
IN
EE
Relative to Negative Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com