Electronic Components Datasheet Search
  English  ▼

X  

PS10 Datasheet(PDF) 6 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 2Page - Supertex, Inc PS10 Datasheet HTML 3Page - Supertex, Inc PS10 Datasheet HTML 4Page - Supertex, Inc PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PS10/PS11
6
A051204
Undervoltage/Overvoltage Operation
GND
UVOFF
UVON
Vin
OVON
OVOFF
PWRGD
SET RESET
Start-up Timing (PS11 PWRGD-A Active Low)
tPWRGD-A is the time delay from VEEUV(on) to PWRGD-A going
active. It can be approximated by
tPWRGD-A = CRAMP x (VINT-1.17)/IRAMP
where
CRAMP = capacitor connected from RAMP pin to VEE pin
VINT = internal regulated power supply voltage (10V typ)
IRAMP = 10
µA charge current
PWRGD Flags Delay Programming
When the ramp voltage hits Vint – 1.17V, PWRGD-A be-
comes active indicating that the input supply voltage is
within the programmed limits. PWRGD-B goes active after
a programmed time delay after PWRGD-A went active.
PWRGD-C goes active after a programmed time delay
after PWRGD-B went active. PWRGD-D goes active after
a programmed time delay after PWRGD-C went active.
The resistors connected from TB, TC, and TD to VEE pin
determines the delay times between the PWRGD flags.
The value of the resistors determines the capacitor charg-
ing and discharging current of a triangular wave oscillator.
The oscillator output is fed into an 8-bit counter to gener-
ate the desired time delay.
The respective time delay is defined by the following equa-
tion:
tTX = (255 x 2 x COSC x VPP)/ICD
and
ICD = Vbg / (4 x RTX)
Where
tTX = Time delay between respective PWRGD flags
COSC = 120pF (internal oscillator capacitor)
VPP = 8.2V (peak-to-peak voltage swing of oscillator)
ICD = Charge and discharge current of oscillator
Vbg = 1.17V (internal band gap reference)
RTX = Programming resistor at TB, TC, or TD
Combining the two equations and solving for RTX yields:
RTX
= (Vbg x tTX) / (2040 x COSC x VPP)
= 0.585 x 10
6 x tTX
For a time delay of 200ms
RTX
= 0.585 x 10
6 x 0.2 = 117k
For a time delay of 5ms
RTX
= 0.585 x 10
6 x 0.005 = 2.925k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com