Electronic Components Datasheet Search
  English  ▼

X  

PS10 Datasheet(PDF) 10 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 10 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc PS10 Datasheet HTML 12Page - Supertex, Inc PS10 Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PS10/PS11
10
A051204
Opto-isolated Enable, continued
RTB
9.76K
6.81K
487K
RTD
RTC
TB
OV
UV
V
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
PS11
-48V
GND
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
3. Other power good outputs will have the same
configuration as PWGRGD-A for Active Low Enabled
Converters.
10nF
Ramp
COM
+3.3V
V-
V+
DC/DC
Converter
/EN
Opto-coupler
49.9k
VEE
IN
Increasing the Under and Over Voltage Hysteresis
If the internal UV hysteresis is insufficient for a particular system application, then it may be increased by using separate resis-
tor dividers for UV and OV and providing a resistor feedback from UV pin to the PWRGD pin.
RTB
16.5k
9.76k
487k
RTD
RTC
TB
OV
UV
V
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
PS10
-48V
GND
Note:
1. Other power good outputs will have the same configuration as
PWGRGD-A for Active High Enabled Converters.
2. Over voltage shut down set to 63.6V
10nF
Ramp
COM
+3.3V
V-
V+
DC/DC
Converter
EN
Ruvhys
499k
V
IN
EE
Ruvhys can be calculated based on higher UV On voltage (say
42V):
Ruvhys = (Vuvon - Vdiode - Vpwrgdlow)/((Vin-Vuvon)/487k -
Vuvon/16.5k)
= (1.22-0.65-0.4)/((42-1.22)/487k - 1.22/16.5k)
= 17.35k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com