Electronic Components Datasheet Search
  English  ▼

X  

PS10 Datasheet(PDF) 3 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 3 Page - Supertex, Inc

  PS10 Datasheet HTML 1Page - Supertex, Inc PS10 Datasheet HTML 2Page - Supertex, Inc PS10 Datasheet HTML 3Page - Supertex, Inc PS10 Datasheet HTML 4Page - Supertex, Inc PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PS10/PS11
3
A051204
PWRGD Logic
Model
Condition
PWRGD-A/B/C/D
INACTIVE (not ready)
0
VEE
PS10
ACTIVE (Ready)
1
HI Z
INACTIVE (not ready)
1
HI Z
PS11
ACTIVE (Ready)
0
VEE
Pinout
2
1
3
4
5
6
7
12
13
14
9
8
11
10
PWRGD-C (PS10)
PWRGD-C (PS11)
PWRGD-B (PS11)
PWRGD-B (PS10)
PWRGD-A (PS11)
PWRGD-A (PS10)
PWRGD-D (PS11)
PWRGD-D (PS10)
NC
V
UV
OV
V
TD
TC
RAMP
NC
TB
EE
IN
Top View
Pin Description
PWRGD-D – This open drain Power Good Output Pin is
held inactive on initial power application and goes active a
programmed time delay after PWRGD-C goes active.
PWRGD-C – This open drain Power Good Output Pin is
held inactive on initial power application and goes active a
programmed time delay after PWRGD-B goes active.
PWRGD-B – This open drain Power Good Output Pin is
held inactive on initial power application and goes active a
programmed time delay after PWRGD-A goes active.
PWRGD-A – This open drain Power Good Output Pin is
held inactive on initial power application and goes active one
POR delay after the UV pin goes above its High threshold
(provided VIN stays within the UV/OV window during this
period).
To function as an indicator a pullup resistor must be con-
nected from this pin to a voltage rail no more than 90V from
VEE.
OV – This Over Voltage (OV) sense pin, when raised above
its high threshold will immediately cause the Power Good
Outputs to be pulled low. These outputs will remain low until
the voltage on this pin falls below the low threshold limit,
initiating a new start-up cycle.
UV – This Under Voltage (UV) sense pin, when lowered
below its low threshold will immediately cause the Power
Good Outputs to be pulled low. These outputs will remain
low until the voltage on this pin rises above the low thresh-
old limit, initiating a new start-up cycle.
VEE - This pin is the negative terminal of the power supply
input to the circuit.
VIN – This pin is the positive terminal of the power supply
input to the circuit and can withstand 90V with respect to
VEE.
TD – The resistor connected from this pin to VEE pin sets the
time delay from PWRGD-C going active to PWRGD-D going
active.
TC – The resistor connected from this pin to VEE pin sets the
time delay from PWRGD-B going active to PWRGD-C going
active.
TB – The resistor connected from this pin to VEE pin sets the
time delay from PWRGD-A going active to PWRGD-B going
active.
RAMP – This pin provides a current output so that a timing
ramp is generated when a capacitor is connected. This tim-
ing Ramp is used to program POR and the time from satis-
faction of the UV/OV supervisors to PWRGD-A.
NC– No Connect. This pin can be grounded or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com