Electronic Components Datasheet Search
  English  ▼

X  

PS10 Datasheet(PDF) 12 Page - Supertex, Inc

Part # PS10
Description  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 Datasheet(HTML) 12 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc PS10 Datasheet HTML 12Page - Supertex, Inc PS10 Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PS10/PS11
12
A051204
PS10 Power Good Clamp
If the active high enabled dc/dc converter used does not have an internal clamp, an external zener diode may be used to pro-
tect the module.
RTB
9.76K
6.81K
487K
RTD
RTC
TB
OV
UV
V
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
PS10
-48V
GND
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
3. Other power good outputs will have the same
configuration as PWGRGD-A for Active High Enabled
Converters.
10nF
Ramp
COM
+3.3V
49.9k
V-
V+
DC/DC
Converter
EN
V
EE
IN
Typical Application Circuit for a 12V Non-Isolated System
Most FPGAs, Processors, ASICs, and DSPs require sequencing and rail voltage limitation during start-up and power down
sequence of its rails. A typical requirement is: VDD_CORE must not exceed VDD_IO more than 0.6V and VDD_IO must not ex-
ceed VIN at any time. This can be accomplished by sequencing the dc/dc converters by the following manner:
Turn On: VDD_CORE first, VDD_IO second, and VIN last.
Tun-Off: VIN first, VDD_IO second, and VDD_CORE last.
The Schottky diodes will limit the voltage between the rails to around 0.3V @ 3A during the power-up and power-down
sequence.
Assuming that the /EN pins of the dc/dc converters have no pull-up and have a 1.0V turn-off threshold, the power-down
sequence time delays can be approximated by:
TPWRGD-C to TPWRGD-B = 1
µF x 1V / 1mA = 1ms
TPWRGD-B to TPWRGD-A = (2
µF-1µF) x 1V / 1mA = 1ms
RTB
R3
R2
R1
RTD
RTC
Buck
Converter
Buck
Converter
/EN
/EN
Buck
Converter
TB
OV
UV
V
/EN
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
+2.5V
+5V
PS11
GND
+12V
10nF
Ramp
V
13
10
4
3
2
1
14
6
5
7
11
12
EE
IN
+3.3V
GND
VDD_CORE
LOAD
VIN
VDD_IO
30BQ015
30BQ015
R8
12k
R9
12k
C2
1uF
C1
2uF
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an
adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of
devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change
without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the
most current databook or to the Legal/Disclaimer page on the Supertex website.
2004 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 222-8888 / FAX: (408) 222-4895
www.supertex.com
A051204
Doc. #: DSFP-PS10PS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com