Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 65 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 65 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 61Page - Analog Devices LTM4677 Datasheet HTML 62Page - Analog Devices LTM4677 Datasheet HTML 63Page - Analog Devices LTM4677 Datasheet HTML 64Page - Analog Devices LTM4677 Datasheet HTML 65Page - Analog Devices LTM4677 Datasheet HTML 66Page - Analog Devices LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 130 page
background image
LTM4686B
65
Rev. 0
For more information www.analog.com
Figure 10. 0.6VOUT Power Loss
Curves
Figure 11. 1VOUT Power Loss Curves
Figure 12. 1.8VOUT Power
Loss Curves
APPLICATIONS INFORMATION-DERATING CURVES
Figure 13. 3.3VOUT and
2.5VOUT Power Loss Curves
Figure 14. 3.3V to 0.6V
Derating Curve, No Heat Sink
Figure 15. 5V to 0.6V
Derating Curve, No Heat Sink
Figure 16. 3.3V to 0.6V
Derating Curve with Heat Sink
Figure 17. 5V to 0.6V
Derating Curve with Heat Sink
Figure 18. 3.3V to 1V
Derating Curve, No Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F14
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F15
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F16
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F17
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
0
4
8
12
16
20
24
28
4686B F18
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
0
1
2
3
4
5
6
4686B F10
5VIN, fSW = 500kHz
3.3VIN, fSW = 425kHz
2.5VIN, fSW = 425kHz
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
0
1
2
3
4
5
6
7
4686B F11
5VIN, fSW = 750kHz
3.3VIN, fSW = 650kHz
2.5VIN, fSW = 575kHz
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
0
1
2
3
4
5
6
7
8
4686B F12
5VIN, fSW = 1MHz
3.3VIN, fSW = 750kHz
2.5VIN, fSW = 575kHz
5VIN, 2.5VOUT, fSW = 1MHz
5VIN, 3.3VOUT, fSW = 1MHz
3.3VIN, 2.5VOUT, fSW = 650kHz
OUTPUT CURRENT (A)
0
4
8
12
16
20
24
28
0
1
2
3
4
5
6
7
8
4686B F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com