Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 130 page
background image
LTM4686B
27
Rev. 0
For more information www.analog.com
OPERATION
n
Soliciting the device for the revisions of PMBus specifica-
tions that it supports (Part I: Rev. 1.2; Part II: Rev 1.2).
n
Soliciting the device for the identification of the manu-
facturer of the LTM4686B, “LTC” (MFR_ID) and the
manufacturer code representing the LTM4686B and
revision, 0x477X (MFR_SPECIAL_ID).
n
Soliciting the device for its part number, "LTM4686"
(MFR_MODEL).*
n
Soliciting the module for its serial number
(MFR_SERIAL).
n
The digital status of the LTM4686B’s I/O pads and
validity of the ADC (MFR_PADS) and WP pin status
(MFR_COMMON[0]).
The following list indicates other aspects of the
LTM4686B relating to power system management and
power sequencing that are configurable by I2C commu-
nications—provided the state of the WP (write protect)
pin and the WRITE_PROTECT register value permit the
I2C writes—and by EEPROM settings:
n
Providing multiple means to read/write data directly
to a particular channel of the LTM4686B by assign-
ing additional slave address for channels 0 and 1
(MFR_RAIL_ADDRESSn), the benefit of which is that
it reduces page command usage and associated I2C
traffic. It also facilitates altering the same register of
multiple LTM4686B in unison without invoking the
PMBus group command protocol. See also PAGE_
PLUS_READ and PAGE_PLUS_WRITE.
n
Configuring the output voltage to be on or off by
means other than the RUNn pin (ON_OFF_CONFIGn[3],
OPERATION commands).
n
Configuring whether the LTM4686B performs a
CLEAR_FAULTS command upon itself when either
RUNn pin toggles from logic low to logic high.
(MFR_CONFIG_ALL[0]).
n
Configuring whether the LTM4686B pulls RUNn logic
low when the LTM4686B is commanded off by other
means (MFR_CHAN_CONFIGn[4]).
n
Configuring the response of the LTM4686B when it is
commanded to turn on its output prior to the completion
of processing TOFF_DELAYn and TOFF_FALLn power-
down sequencing (MFR_CHAN_CONFIGn[3]).
n
Configuring whether the LTM4686B’s output
is disabled when SHARE_CLK is held low
(MFR_CHAN_CONFIGn[2]).
n
Configuring whether the ALERT pin is pulled low
when GPIOn is pulled low by external stimulus
(MFR_CHAN_CONFIGn[1]).
n
Setting the value of the MFR_IIN_OFFSETn registers,
representing an estimate of the current drawn by the
SVIN pin. The SVIN pin current is not measured by the
LTM4686B but the MFR_IIN_OFFSETn is used in com-
puting and reporting channel and total module input
currents (MFR_READ_IINn, READ_IIN).
n
Three words (six bytes) of the LTM4686B’s EEPROM
that are available for storing user data. (USER_
DATA_03n, USER_DATA_04).
n
Invoking or releasing several levels of I2C write protec-
tion (WRITE_PROTECT).
n
Configuring the bus timeout for 255ms (MFR_CONFIG_
ALL[3] = 1b) if the host needs more time to complete
I2C transactions.
n
Determining whether the user-editable RAM register
values are identical to the contents of the user NVM
(MFR_COMPARE_USER_ALL).
n
Setting the programmable output voltage range of VOUT
to a narrower range (0.5V to 2.75V) in order to achieve
a higher resolution of VOUT adjustment than is avail-
able by default (MFR_PWM_MODEn[1]). MFR_PWM_
MODE cannot be changed on the fly; switching action
must be off. Note that altering the VOUT range alters
the gain of the control loop and may therefore require
loop compensation to be adjusted.
n
Altering the temperature coefficient of the
LTM4686B’s current sensing elements, if needed
* The MFR_MODEL value is “LTM4686 ”. The value consists of 8 ASCII characters and the last
character is a blank space punctuation character (“ ”), i.e., ASCII code 0x20 or 32d.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com