Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
LTM4686B
10
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listing under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating conditions for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4686B is tested under pulsed-load conditions such
that TJ ≈ TA. The LTM4686BE is guaranteed to meet performance
specifications over the 0°C to 125°C internal operating temperature range.
Specifications over the –40°C to 125°C internal operating temperature
range are assured by design, characterization and correlation with
statistical process controls. The LTM4686BI is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: The LTM4686B’s EEPROM temperature range for valid write
commands is 0°C to 85°C. To achieve guaranteed EEPROM data retention,
execution of the “STORE_USER_ALL” command—i.e., uploading RAM
contents to NVM—outside this temperature range is not recommended.
However, as long as the LTM4686B’s EEPROM temperature is less than
130°C, the LTM4686B will obey the STORE_USER_ALL command.
Only when EEPROM temperature exceeds 130°C, the LTM4686B
will not act on any STORE_USER_ALL transactions: instead, the
LTM4686B NACKs the serial command and asserts its relevant CML
(communications, memory, logic) fault bits. EEPROM temperature can be
queried prior to commanding STORE_USER_ALL; see the Applications
Information section.
Note 4: The two power inputs—VIN0 and VIN1—and their respective power
outputs—VOUT0 and VOUT1—are tested independently in production. A
shorthand notation is used in this document that allows these parameters
to be referred to by “VINn” and “VOUTn”, where n is permitted to take on a
value of 0 or 1. This italicized “n” notation and convention is extended to
encompass all such pin names, as well as register names with channel-
specific, i.e., paged data. For example, VOUT_COMMANDn refers to the
VOUT_COMMAND command code data located in Pages 0 and 1, which
in turn relate to Channels 0 (VOUT0) and Channel 1 (VOUT1). Registers
containing non-page-specific data, i.e., whose data is “global” to the
module or applies to both of the module’s Channels lack the italicized “n”,
e.g., FREQUENCY_SWITCH.
Note 5: VOUTn(DC) and line and load regulation tests are performed in
production with digital servo disengaged (MFR_PWM_MODEn[6] = 0b)
and low VOUTn range selected (MFR_PWM_MODEn[1]) = 1b.
The digital servo control loop is exercised in production (setting
MFR_ PWM_MODEn[6] = 1b), but convergence of the output voltage
to its final settling value is not necessarily observed in final test—due
to potentially long time constants involved—and is instead guaranteed
by the output voltage readback accuracy specification. Evaluation
in application demonstrates capability; see the Typical Performance
Characteristics section.
Note 6: See output current derating curves for different VIN, VOUT, and TA,
located in the Applications Information section.
Note 7: Even though VOUT0 and VOUT1 are specified for 6V absolute
maximum, the maximum recommended regulation-command voltage is:
3.6V for a high-VOUT range setting of MFR_PWM_MODEn[1] = 0b; 2.5V
for a low-VOUT range setting of MFR_PWM_MODEn[1] = 1b.
Note 8: Minimum on-time is tested at wafer sort.
Note 9: Data conversion is performed in round-robin (cyclic) fashion.
All telemetry signals are continuously digitized, and reported data is
based on measurements not older than 90ms, typical. Some telemetry
parameters can be digitized at a faster update rate by configuring
MFR_ADC_CONTROL.
Note 10: The following telemetry parameters are formatted in PMBus-
defined “Linear Data Format”, in which each register contains a word
comprised of 5 most significant bits—representing a signed exponent, to
be raised to the power of 2—and 11 least significant bits—representing
a signed mantissa: input voltage (on SVIN), accessed via the READ_VIN
command code; output currents (IOUTn), accessed via the READ_IOUTn
command codes; module input current (IVIN0 + IVIN1 + ISVIN), accessed via
the READ_IIN command code; channel input currents (IVINn + 1/2 • ISVIN),
accessed via the MFR_READ_IINn command codes;and duty cycles of
channel 0 and channel 1 switching power stages, accessed via the
READ_DUTY_CYCLEn command codes. This data format limits the
resolution of telemetry readback data to 10 bits even though the internal
ADC is 16 bits and the LTM4686B’s internal calculations use 32-bit words.
Note 11: The absolute maximum rating for the SVIN pin is 6V. Input
voltage telemetry (READ_VIN) is obtained by digitizing a voltage scaled
down from the SVIN pin.
Note 12: These typical parameters are based on bench measurements and
are not production tested.
Note 13: EEPROM endurance and retention are guaranteed by wafer-level
testing for data retention. The minimum retention specification applies
for devices whose EEPROM has been cycled less than the minimum
endurance specification, and whose EEPROM data was written to at
0°C ≤ TJ ≤ 85°C. Downloading NVM contents to RAM by executing
the RESTORE_USER_ALL or MFR_RESET commands is valid over the
entire operating temperature range and does not influence EEPROM
characteristics.
Note 14: Channel 0 OV/UV comparator threshold accuracy for
MFR_PWM_MODE0[1] = 1b tested in ATE at VVOSNS0+ – VVOSNS0– =
0.5V and 2.7V. Channel 0’s 1V test corner condition is tested at
IC-level, only. Channel 1 OV/UV comparator threshold accuracy for
MFR_PWM_MODE1[1] = 1b tested in ATE with VVOSNS1 to VSGND = 0.5V
and 2.7V. Channel 1’s 1.5V test corner condition is tested at IC-level, only.
Note 15: Tested at IC-level ATE.
Note 16: PLL SYNC capture range tested with FREQUENCY_SWITCH set to
frequency slave mode (0x0000), with MFR_CONFIG_ALL[4] = 1b, and with
SYNC driven by external clock. Low end of SYNC capture range (450kHz)
verified at VINn = 2.375V and VOUTn = 0.5V. High end of SYNC capture
range (1.05MHz) verified at VIN = 5V and VOUTn = 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com