Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
LTM4686B
12
Rev. 0
For more information www.analog.com
READ_TEMPERATURE_2
(Control IC Temperature Error) vs
Junction Temperature
READ_VIN (Input Voltage
Readback Telemetry) Error vs SVIN
MFR_READ_IINn (Input Current
Readback) Error vs (IVINn + ISVIN)
Single Phase Single Output Short-
Circuit Protection at Full Load
READ_VOUTn (Output Voltage
Readback) Error vs VOUTn
READ_IOUTn (Output Current
Readback) Error vs IOUTn
TYPICAL PERFORMANCE CHARACTERISTICS
Single Phase Single Output
Short-Circuit Protection at No Load
ACTUAL TEMPERATURE (°C)
–45
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–5
35 55
4686B G14
–0.6
0.6
0.8
0.2
–25
15
75 95 115
RUNn = 0V
VOUT0
200mV/DIV
IIN0
2A/DIV
10µs/DIV
FIGURE 63 CIRCUIT AT 5VIN,
NO LOAD ON VOUT0 PRIOR TO APPLICATION
OF SHORT CIRCUIT
4686B G10
VOUT0
200mV/DIV
IIN0
2A/DIV
10µs/DIV
FIGURE 63 CIRCUIT AT 5VIN,
100m LOAD ON VOUT0 PRIOR TO
APPLICATION OF SHORT-CIRCUIT
4686B G11
TA = 25°C, 5VIN to 1VOUT, switching frequency set
per Table 7, unless otherwise noted.
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT
CHANNEL 0
CHANNEL 1
IOUTn = NO LOAD, RUN[1–n] = 0V
VOUT (V)
0.5
1
1.5
2
2.5
3
3.5
4
–20
–15
–10
–5
0
5
10
15
20
4686B G12
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT
CHANNEL 0
CHANNEL 1
RUNn = 3.3V, RUN[1–n] = 0V
IOUT (A)
0
2
4
6
8
10
12
14
–1200
–1000
–800
–600
–400
–200
0
200
400
600
800
1000
1200
4686B G13
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT
SVIN (V)
4.50
4.75
5
5.25
5.50
5.75
–200
–150
–100
–50
0
50
100
150
200
4686B G15
SPECIFIED UPPER LIMIT
CHANNEL 0
CHANNEL 1
SPECIFIED LOWER LIMIT
IINn + ISVIN (A)
0
0.50
1
1.50
2
2.50
–200
–150
–100
–50
0
50
100
150
200
4686B G16
RUNn = 3.3V, RUN[1–n] = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com