Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 90 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 90 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices LTM4677 Datasheet HTML 92Page - Analog Devices LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 130 page
background image
LTM4686B
90
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Output Voltage and Limits
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
VOUT_MODE
0x20
Output voltage format and exponent (2–12).
R Byte
Y
Reg
2–12
0x14
VOUT_MAX
0x24
Upper limit on the commanded output voltage
including VOUT_MARGIN_HIGH.
R/W Word
Y
L16
V
Y
3.630
0x3A14
VOUT_OV_FAULT_ LIMIT
0x40
Output overvoltage fault limit.
R/W Word
Y
L16
V
Y
1.100V
0x119A
VOUT_OV_WARN_ LIMIT
0x42
Output overvoltage warning limit.
R/W Word
Y
L16
V
Y
1.075V
0x1133
VOUT_MARGIN_HIGH
0x25
Margin high output voltage set point. Must be
greater than VOUT_COMMAND.
R/W Word
Y
L16
V
Y
1.050V
0x10CD
VOUT_COMMAND
0x21
Nominal output voltage set point.
R/W Word
Y
L16
V
Y
1.000V
0x1000
VOUT_MARGIN_LOW
0x26
Margin low output voltage set point. Must be
less than VOUT_COMMAND.
R/W Word
Y
L16
V
Y
0.950V
0x0F33
VOUT_UV_WARN_ LIMIT
0x43
Output undervoltage warning limit.
R/W Word
Y
L16
V
Y
0.925V
0x0ECD
VOUT_UV_FAULT_ LIMIT
0x44
Output undervoltage fault limit.
R/W Word
Y
L16
V
Y
0.900V
0x0E66
MFR_VOUT_MAX
0xA5
Maximum allowed output voltage including
VOUT_OV_FAULT_LIMIT.
R Word
Y
L16
V
5.7
0x5B34
VOUT_MODE
The data byte for VOUT_MODE command, used for commanding and reading output voltage, consists of a 3-bit mode
(only linear format is supported) and a 5-bit parameter representing the exponent used in output voltage Read/Write
commands.
This read-only command has one data byte.
VOUT_MAX
The VOUT_MAX command sets an upper limit on any voltage, including VOUT_MARGIN_HIGH, the unit can com-
mand regardless of any other commands or combinations. The maximum allowed value of this command is 5.7 volts.
The maximum output voltage the LTM4686B can produce is 3.6 volts including VOUT_MARGIN_HIGH. However, the
VOUT_OV_FAULT_LIMIT can be commanded as high as 4.0 volts. The LTM4686B is not specified for operation above
3.6VOUT.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the value of the output voltage measured at the sense pins, in volts, which
causes an output overvoltage fault.
If the VOUT_OV_FAULT_LIMIT is modified and the switcher is active, allow 10ms after the command is modified to
assure the new value is being honored. The part indicates if it is busy making a calculation. Monitor bits 5 and 6 of
MFR_COMMON. Either bit is low if the part is busy. If this wait time is not met, and the VOUT_COMMAND is modified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com