Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices LTM4677 Datasheet HTML 32Page - Analog Devices LTM4677 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
LTM4686B
29
Rev. 0
For more information www.analog.com
OPERATION
power stages are not connected together internal to the
module; therefore, DC/DC step-down conversion from
two different source power supplies can be performed.
Per Note 6 of the Electrical Characteristics section, the
output current may require derating for some operating
scenarios. Detailed derating guidance is provided in the
Applications Information section.
The LTM4686B contains dual integrated constant fre-
quency current mode control buck regulators (Channel
0 and Channel 1) whose built-in power MOSFETs are
capable of fast switching speed. The factory NVM-default
switching frequency clocks SYNC at 1MHz, to which the
regulators synchronize their switching frequency. The
default phase-interleaving angle between the channels
is 180°. A pin-strapping resistor on FSWPHCFG configures
the frequency of the SYNC clock (switching frequency)
and the channel phase relationship of the channels to
each other and with respect to the falling edge of the
SYNC signal. (Not all possible combinations of switch-
ing frequency and phase-angle assignments are settable
by resistor pin programming; see Table 4. Configure the
LTM4686B’s NVM to implement settings not available by
resistor-pin strapping.) When a FSWPHCFG pin-strap resis-
tor sets the channel phase relationship of the LTM4686B’s
channels, the SYNC clock is not driven by the module;
instead, SYNC becomes strictly a high impedance input
and channel switching frequency is then synchronized to
SYNC provided by an externally-generated clock or sib-
ling LTM4686B with pull-up resistor to VDD33. Switching
frequency and phase relationship can be altered via the
I2C interface, but only when switching action is off, i.e.,
when the module is not regulating either output. See the
Applications Information section for details.
Internal feedback loop compensation for Regulator 0
is available by connecting COMP0a to COMP0b. (For
Regulator 1, the connection is from COMP1a to COMP1b.)
With current mode control and internal feedback loop
compensation, the LTM4686B module has sufficient sta-
bility margins and good transient performance with a wide
range of output capacitors—even all-ceramic MLCCs.
Table 20 provides guidance on input and output capacitors
recommended for many common operating conditions.
The Analog Devices, Inc. μModule Power Design Tool is
available for transient and stability analysis. Furthermore,
expert users who prefer to not make use of the module’s
internal feedback loop compensation—but instead, tailor
the feedback loop compensation specifically for his/her
application—may do so by not connecting COMPna to
COMPnb: the personalized loop compensation network
can be applied externally, i.e., from COMPna to SGND,
and leaving COMPnb open circuit.
The LTM4686B has two general purpose input/output
pins, named GPIO0 and GPIO1. The behavior of these pins
is configurable via registers MFR_GPIO_PROPAGATEn
and MFR_GPIO_RESPONSEn. The GPIOn pins are high
impedance during NVM-download-to-RAM initialization.
These pins are intended to perform one of two primary
functions, or a hybrid of the two: behave as open-drain,
active low fault/warning indicators; and/or, behave as aux-
iliary RUN pins for their respective channels. In the former
case, the pins can be configured as interrupt pins, pulling
active low when output under/overvoltage, input under/
overvoltage, input/output overcurrent, overtemperature,
and/or communication, memory or logic (CML) fault or
warning events are detected by the LTM4686B. In the latter
case, the GPIOn pins can be bussed to paralleled siblings
(paralleled LTM4686B channels and/or modules), for pur-
poses of coordinating orderly power-up and power-down,
i.e., in unison. The LTM4686B DC/DC regulator does not
feature a traditional “power good” (PGOOD) indicator pin
to indicate when the output voltage is within a few percent
of the target regulation point. However, the GPIOn pin can
be configured as a PGOOD indicator—and this is, in fact,
its factory-default NVM setting. Suitable for event-based
sequencing of downstream rails, GPIOn is configured as
the unfiltered output of the VOUT_UV_FAULT_LIMITn
comparator, with Bit 12 of MFR_GPIO_PROPAGATEn =
“1b”; Bits 9 and 10 of MFR_GPIO_PROPAGATEn are not
set, since the propagation of power good in those latter
instances is subject to supervisor filtering and compara-
tor latency. If it is necessary to have the desired PGOOD
polarity appear on the GPIOn pin immediately upon SVIN
power-up—given that the pin will initially be high imped-
ance, until NVM contents have downloaded to RAM—a
pull-down Schottky diode is needed between the RUN
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com