Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 35Page - Texas Instruments CC1352P Datasheet HTML 36Page - Texas Instruments CC1352P Datasheet HTML 37Page - Texas Instruments CC1352P Datasheet HTML 38Page - Texas Instruments CC1352P Datasheet HTML 39Page - Texas Instruments CC1352P Datasheet HTML 40Page - Texas Instruments CC1352P Datasheet HTML 41Page - Texas Instruments CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
9.3 Radio (RF Core)
The RF Core is a highly flexible and future proof radio module which contains an Arm Cortex-M0 processor
that interfaces the analog RF and base-band circuitry, handles data to and from the system CPU side, and
assembles the information bits in a given packet structure. The RF core offers a high level, command-based
API to the main CPU that configurations and data are passed through. The Arm Cortex-M0 processor is not
programmable by customers and is interfaced through the TI-provided RF driver that is included with the
SimpleLink Software Development Kit (SDK).
The RF core can autonomously handle the time-critical aspects of the radio protocols, thus offloading the
main CPU, which reduces power and leaves more resources for the user application. Several signals are also
available to control external circuitry such as RF switches or range extenders autonomously.
Multiprotocol solutions are enabled through time-sliced access of the radio, handled transparently for the
application through the TI-provided RF driver and dual-mode manager.
The various physical layer radio formats are partly built as a software defined radio where the radio behavior is
either defined by radio ROM contents or by non-ROM radio formats delivered in form of firmware patches with
the SimpleLink SDKs. This allows the radio platform to be updated for support of future versions of standards
even with over-the-air (OTA) updates while still using the same silicon.
9.3.1 Bluetooth 5.2 Low Energy
The RF Core offers full support for Bluetooth 5.2 Low Energy, including the high-sped 2-Mbps physical layer
and the 500-kbps and 125-kbps long range PHYs (Coded PHY) through the TI provided Bluetooth 5.2 stack or
through a high-level Bluetooth API. The Bluetooth 5.2 PHY and part of the controller are in radio and system
ROM, providing significant savings in memory usage and more space available for applications.
The new high-speed mode allows data transfers up to 2 Mbps, twice the speed of Bluetooth 4.2 and five times
the speed of Bluetooth 4.0, without increasing power consumption. In addition to faster speeds, this mode offers
significant improvements for energy efficiency and wireless coexistence with reduced radio communication time.
Bluetooth 5.2 also enables unparalleled flexibility for adjustment of speed and range based on application
needs, which capitalizes on the high-speed or long-range modes respectively. Data transfers are now possible
at 2 Mbps, enabling development of applications using voice, audio, imaging, and data logging that were not
previously an option using Bluetooth low energy. With high-speed mode, existing applications deliver faster
responses, richer engagement, and longer battery life. Bluetooth 5.2 enables fast, reliable firmware updates.
9.3.2 802.15.4 (Thread, Zigbee, 6LoWPAN)
Through a dedicated IEEE radio API, the RF Core supports the 2.4-GHz IEEE 802.15.4-2011 physical layer
(2 Mchips per second Offset-QPSK with DSSS 1:8), used in Thread, Zigbee, and 6LoWPAN protocols. The
802.15.4 PHY and MAC are in radio and system ROM. TI also provides royalty-free protocol stacks for Thread
and Zigbee as part of the SimpleLink SDK, enabling a robust end-to-end solution.
9.4 Memory
The up to 352-KB nonvolatile (Flash) memory provides storage for code and data. The flash memory is
in-system programmable and erasable. The last flash memory sector must contain a Customer Configuration
section (CCFG) that is used by boot ROM and TI provided drivers to configure the device. This configuration is
done through the ccfg.c source file that is included in all TI provided examples.
The ultra-low leakage system static RAM (SRAM) is split into up to five 16-KB blocks and can be used for both
storage of data and execution of code. Retention of SRAM contents in Standby power mode is enabled by
default and included in Standby mode power consumption numbers. Parity checking for detection of bit errors in
memory is built-in, which reduces chip-level soft errors and thereby increases reliability. System SRAM is always
initialized to zeroes upon code execution from boot.
To improve code execution speed and lower power when executing code from nonvolatile memory, a 4-way
nonassociative 8-KB cache is enabled by default to cache and prefetch instructions read by the system CPU.
The cache can be used as a general-purpose RAM by enabling this feature in the Customer Configuration Area
(CCFG).
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com