Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 64Page - Texas Instruments CC1352P Datasheet HTML 65Page - Texas Instruments CC1352P Datasheet HTML 66Page - Texas Instruments CC1352P Datasheet HTML 67Page - Texas Instruments CC1352P Datasheet HTML 68Page - Texas Instruments CC1352P Datasheet HTML 69Page - Texas Instruments CC1352P Datasheet HTML 70Page - Texas Instruments CC1352P Datasheet HTML 71Page - Texas Instruments CC1352P Datasheet HTML 72Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
www.ti.com
PACKAGE OUTLINE
7.1
6.9
7.1
6.9
1.51
1.35
0.372
0.292
2
2
6.2
6.2
0.5 TYP
4X
0.538
0.462
44X
0.538
0.462
25X
0.338
0.262
44X
0.338
0.262
QFM - 1.51 mm max height
MOT0048A
QUAD FLAT MODULE
4225653/C 12/2020
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
0.15
C A B
0.05
C
0.15
C A B
0.05
C
0.15
C A B
0.05
C
SEATING PLANE
0.1 C
PIN 1 CORNER
1
37
25
13
48
49
53
54
58
59
63
64
68
69
73
SYMM
SYMM
SCALE 2.200
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com