Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
8.5 Power Consumption - Power Modes
When measured on the CC2652xSIP-EM reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Core Current Consumption
Icore
Reset and Shutdown
Reset. nRESET pin asserted or VDDS below power-on-reset threshold(1)
30
µA
Shutdown. No clocks running, no retention
160
nA
Standby
without cache retention
RTC running, CPU, 80KB RAM and (partial) register retention.
RCOSC_LF
0.99
µA
RTC running, CPU, 80KB RAM and (partial) register retention
XOSC_LF
1.15
µA
Standby
with cache retention
RTC running, CPU, 80KB RAM and (partial) register retention.
RCOSC_LF
3.36
µA
RTC running, CPU, 80KB RAM and (partial) register retention.
XOSC_LF
3.47
µA
Idle
Supply Systems and RAM powered
RCOSC_HF
708
µA
Active
MCU running CoreMark at 48 MHz
RCOSC_HF
3.5
mA
Peripheral Current Consumption
Iperi
Peripheral power
domain
Delta current with domain enabled
102
µA
Serial power domain
Delta current with domain enabled
7.56
RF Core
Delta current with power domain enabled,
clock enabled, RF core idle
221
µDMA
Delta current with clock enabled, module is idle
67.1
Timers
Delta current with clock enabled, module is idle(4)
85.1
I2C
Delta current with clock enabled, module is idle
10.6
I2S
Delta current with clock enabled, module is idle
27.6
SSI
Delta current with clock enabled, module is idle
90.2
UART
Delta current with clock enabled, module is idle(2)
175.9
CRYPTO (AES)
Delta current with clock enabled, module is idle(3)
26.9
PKA
Delta current with clock enabled, module is idle
88.9
TRNG
Delta current with clock enabled, module is idle
37.4
Sensor Controller Engine Consumption
ISCE
Active mode
24 MHz, infinite loop
808
µA
Low-power mode
2 MHz, infinite loop
30.1
(1)
CC2652xSIP integrates a 100 kΩ pull-up resistor on nRESET
(2)
Only one UART running
(3)
Only one SSI running
(4)
Only one GPTimer running
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com